| Electronic Components Datasheet Search |
|
SPSB0815 Datasheet(PDF) 51 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SPSB0815 Datasheet(HTML) 51 Page - STMicroelectronics |
|
51 / 135 page ![]() 4.3.2 Device application registers (RAM) The device application registers are all registers accessible using OpCode ‘00’, ‘01’ and ‘10’. The functions of these registers are defined in the device specification. 4.4 Protocol failure detection To realize a protocol, which covers certain fail-safe requirements a basic set of failure detection mechanisms are implemented. 4.4.1 Clock monitor During communication (CSN low to high phase) a clock monitor counts the valid SCK clock edges. If the SCK edges do not correlate with the SPI data length, an SPIE is reported with the next command and the actual communication is rejected. By accessing the device information registers (OpCode = ‘11’) the clock monitor is set to a minimum of 16 SCK edges plus a multiple by 8 (for example, 16, 24, 32, …). Providing no SCK edge during a CSN low to high phase is not recognized as an SPIE. For a SPI burst read also the SPI data length plus multiple numbers of payloads SCK edges are assumed as a valid communication. 4.4.2 SCK polarity (CPOL) check To detect the wrong polarity access via SCK, the internal clock monitor is used. Providing first a negative edge on SCK during communication (CSN low to high phase) or a positive edge at last will lead to an SPI error reported in the next communication and the actual data is rejected. 4.4.3 SCK phase (CPHA) check To verify, that the SCK phase of the SPI master is set correctly a special device information register is implemented. By reading this register the data must be 55H. In case AAH is read the CPHA setting of the SPI master is wrong and a proper communication cannot be guaranteed. 4.4.4 CSN timeout By pulling CSN low the SDO is set active and leaves its tristate condition. To ensure communication between other SPI devices within the same bus even in case of CSN stuck @ low a CSN timeout is implemented. By pulling CSN low an internal timer is started. After timer end is reached the actual communication is rejected and the SDO is set to tristate condition. 4.4.5 SDI stuck at GND As a communication with data all-‘0’ and OpCode ‘00’ on address b’000000 cannot be distinguished between a valid command and a SDI stuck @ GND this communication is not allowed. Nevertheless, in case a stuck @ GND is detected the communication will be rejected and the SPIE will be set with the next communication. 4.4.6 SDI stuck at HIGH As a communication with data all-‘1’ and OpCode ‘11’ on address b’111111 cannot be distinguished between a valid command and a SDI stuck @ HIGH this communication is not allowed. In case a stuck @ HIGH is detected the communication will be rejected and the SPIE will be set with the next communication. 4.4.7 SDO stuck @ The SDO stuck @ GND and stuck @ HIGH has to be detected by the SPI master. As the definition of the GSB guarantees at least one toggle, a GSB with all-‘0’ or all –‘1’ reports a stuck at error. SPSB081 Protocol failure detection DS14048 - Rev 1 page 51/135 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |