Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8089GR Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA8089GR
Description  GPS/GLONASS/BeiDou/QZSS receiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089GR Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA8089GR Datasheet HTML 19Page - STMicroelectronics STA8089GR Datasheet HTML 20Page - STMicroelectronics STA8089GR Datasheet HTML 21Page - STMicroelectronics STA8089GR Datasheet HTML 22Page - STMicroelectronics STA8089GR Datasheet HTML 23Page - STMicroelectronics STA8089GR Datasheet HTML 24Page - STMicroelectronics STA8089GR Datasheet HTML 25Page - STMicroelectronics STA8089GR Datasheet HTML 26Page - STMicroelectronics STA8089GR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
DS12849 Rev 1
23/30
STA8089GR
Electrical characteristics
29
4.8.2
Oscillator electrical specifications
This device contains two oscillators:
a 32.768 kHz oscillator/buffer for RTC circuit.
an OSCI oscillator/buffer in the RF Front-End
When used in oscillator mode, each oscillator requires a specific crystal, with parameters
that must be as close as possible to the following recommended values. When used in input
buffer mode, an external clock source must be applied.
32.768 kHz OSCI32 oscillator specifications
The 32.768 kHz OSCI32 oscillator is connected between RTC_XTI (oscillator amplifier
input) and RTC_XTO (oscillator amplifier output). It also requires two external capacitors of
18 pF(a), as shown on Figure 3.
OSCI32 is disabled by default and must be enabled by setting bit28-OSCI_EN of
PRCC_BACKUP_REG0 to have 32.768KHz oscillation when an XTAL pi-network is
connected to RTC_XTI/RTC_XTO pins.
The recommended oscillator specifications are shown in Table 20:
The oscillator amplifier specifications are shown in following table:
a. Using crystal with recommended characteristics as per Table 20.
Table 20. Crystal recommended specifications
Symbol
Parameter
Min.
Typ.
Max.
Unit
FSXTAL
Crystal frequency(1)
1. Not tested in production.
—
32.768
—
kHz
LMSXTAL
Motion inductance(1)
—5
—
kH
CMSXTAL
Motional capacitance(1)
—
5.0
—
fF
COSXTAL
Shunt capacitance(1)
—
1.3
—
pF
ESR
Resonance resistance(1)
—
—
80
kΩ
CL
External load capacitance(1)
—18
—
pF
Table 21. Oscillator amplifier specifications
Symbol
Parameter
Min.
Typ.
Max.
Unit
TS
Startup time(1)
1. Not tested in production.
—
0.3
0.6
s
DL
Drive level(1)
—
—
<0.1
μW
RLC
Required load capacitance(1)
—
12.5
—
pF
GM
Startup transconductance
22.5
33.6
—
μA/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com