Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCBF3JB3K32 Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # MCBF3JB3K32
Description  Ceramic Housed with Axial Leads Power Resistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

MCBF3JB3K32 Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  MCBF3JB3K32 Datasheet HTML 1Page - Stackpole Electronics, Inc. MCBF3JB3K32 Datasheet HTML 2Page - Stackpole Electronics, Inc. MCBF3JB3K32 Datasheet HTML 3Page - Stackpole Electronics, Inc. MCBF3JB3K32 Datasheet HTML 4Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev Date: 4/13/2021
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CB / MCB Series
Ceramic Housed with Axial Leads Power Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
Fireproof power resistor
•
High thermal conductivity
•
“M” in MCB stands for metal oxide element
•
Standoffs may be available (CBF, MCBF) - contact Stackpole for details
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Electrical Specifications - CB
Electrical Specifications - MCB
MCB3
3
300
600
MCB5
5
350
700
MCB7
7
500
1000
MCB10
10
700
1400
MCB15
15
700
1400
Max Voltage Rating =
± 200
(1) Lower TCR may be available for certain values. Contact Stackpole.
Type/Code
Power Rating (W)
@ 70 ºC
Maximum Working
Voltage (V)
Maximum Overload
Voltage (V)
TCR (ppm/ºC)
(1)
Ohmic Range (Ω) and Tolerance
5%, 10%
110 - 51K
110 - 51K
510 - 51K
750 - 51K
910 - 51K
√ P*R
Mechanical Specifications
0.709 ± 0.047
0.252 ± 0.047
0.252 ± 0.047
0.031 ± 0.004
0.299 ± 0.039
1.000 min.
inches
18.00 ± 1.20
6.40 ± 1.20
6.40 ± 1.20
0.80 ± 0.10
7.60 ± 1.00
25.40 min.
mm
0.866 ± 0.047
0.315 ± 0.047
0.315 ± 0.047
0.031 ± 0.004
0.374 ± 0.039
1.000 min.
inches
22.00 ± 1.20
8.00 ± 1.20
8.00 ± 1.20
0.80 ± 0.10
9.50 ± 1.00
25.40 min.
mm
Unit
A
Body Length
B
Height
C
Width
D
Lead Diameter
E
(CBF, MCBF only)
F
Lead Length
Type/Code
CB2
CB3, MCB3
± 800
± 500
± 200
± 800
± 500
± 200
± 800
± 500
± 200
± 800
± 500
± 200
± 800
± 500
± 200
± 800
± 500
± 200
0.056 - 0.1
0.12 - 0.2
0.22 - 100
0.1
0.12 - 3
3.3 - 100
0.1 - 0.15
0.18 - 0.68
0.75 - 470
0.39 - 0.51
0.56 - 0.82
0.91 - 470
0.51 - 1
3 - 680
0.56 - 1
3.6 - 820
1.3 - 3
1.1 - 2.7
CB15
15
700
1400
500
1000
CB10
10
700
1400
CB7
7
CB5
5
350
700
500
250
2
CB2
600
300
3
CB3
Type/Code
Power Rating (W)
@ 70ºC
Ohmic Range (Ω) and Tolerance
Maximum Working
Voltage (V)
Maximum Overload
Voltage (V)
TCR (ppm/ºC)
(1)
5%, 10%


Similar Part No. - MCBF3JB3K32

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCBF7330-100MU ETC2-MCBF7330-100MU Datasheet
224Kb / 3P
Inductor
More results

Similar Description - MCBF3JB3K32

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
TUM3J8R2E OHMITE-TUM3J8R2E Datasheet
119Kb / 1P
Ceramic Housed Axial Terminal Power
logo
AVX Corporation
HR01752J AVX-HR01752J Datasheet
100Kb / 2P
Axial Leads Mini-Resistor
logo
Ohmite Mfg. Co.
TUM OHMITE-TUM Datasheet
382Kb / 2P
Ceramic Housed Axial Terminal Power
logo
Stackpole Electronics, ...
BVM SEI-BVM Datasheet
394Kb / 4P
Ceramic Housed Vertical Bracket Mount Resistor
11/30/2020
LCB SEI-LCB Datasheet
277Kb / 3P
Ceramic Housed Current Sensing Resistor with 2 Leads
11/30/2020
LVM SEI-LVM Datasheet
250Kb / 4P
Ceramic Housed Vertical Mount Resistor
11/30/2020
MVM SEI-MVM Datasheet
255Kb / 4P
Ceramic Housed Vertical Mount Resistor
3/16/2021
NSZ SEI-NSZ Datasheet
319Kb / 6P
Ceramic Housed Wirewound Resistor with Specialty Leads
02/17/2021
TCB SEI-TCB Datasheet
235Kb / 4P
Ceramic Housed Current Sensing Resistor with 4 Leads
11/30/2020
WCB SEI-WCB Datasheet
243Kb / 4P
Welded Ceramic Housed Axial Leaded Wirewound Resistor
7/8/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com