Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH7070AY Datasheet(PDF) 13 Page - STMicroelectronics

Part # VNH7070AY
Description  Automotive fully integrated H-bridge motor driver
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7070AY Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VNH7070AY Datasheet HTML 9Page - STMicroelectronics VNH7070AY Datasheet HTML 10Page - STMicroelectronics VNH7070AY Datasheet HTML 11Page - STMicroelectronics VNH7070AY Datasheet HTML 12Page - STMicroelectronics VNH7070AY Datasheet HTML 13Page - STMicroelectronics VNH7070AY Datasheet HTML 14Page - STMicroelectronics VNH7070AY Datasheet HTML 15Page - STMicroelectronics VNH7070AY Datasheet HTML 16Page - STMicroelectronics VNH7070AY Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
DS12207 Rev 5
13/48
VNH7070AY
Electrical specifications
47
Table 8. Logic inputs (Vcc=7 V up to 28 V;-40 °C< Tj<150 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
0.9
V
VIH
Input high level voltage
2.1
V
VIHYST
Input hysteresis voltage
0.2
V
VICL
Input clamp voltage
IIN = 1 mA
5.3
7.2
V
IIN = -1 mA
-0.7
V
IINL
Input current
VIN = 0.9 V
1
µA
IINH
Input current
VIN = 2.1 V
10
µA
SEL0, SEL1 (VCC = 7 V up to 18 V; -40 °C < Tj < 150 °C)
VSELL
Input low level voltage
0.9
V
ISELL
Low level input current
VSEL = 0.9 V
1
µA
VSELH
Input high level voltage
2.1
V
ISELH
High level input current
VSEL = 2.1 V
10
µA
VSEL(hyst)
Input hysteresis voltage
0.2
V
VSELCL
Input clamp voltage
ISEL = 1 mA
5.3
7.2
V
ISEL = -1 mA
-0.7
V
PWM (VCC = 7 V up to 28 V; -40 °C < Tj < 150 °C)
VPWM
Input low level voltage
0.9
V
IPWM
Low level input current
VPWM = 0.9 V
1
µA
VPWM
Input high level voltage
2.1
V
IPWMH
High level input current
VPWM = 2.1 V
10
µA
VPWM(hyst) Input hysteresis voltage
0.2
V
VPMWCL
Input clamp voltage
IPWM = 1 mA
5.3
7.2
V
IPWM = -1 mA
-0.7
V
SENSE_EN (VCC = 7 V up to 18 V; -40 °C < Tj < 150 °C)
VSEnL
Input low level voltage
0.9
V
ISEnL
Low level input current
VSEn = 0.9 V
1
µA
VSEnH
Input high level voltage
2.1
V
ISEnH
High level input current
VSEn = 2.1 V
10
µA
VSEn(hyst)
Input hysteresis voltage
0.2
V
VSEnCL
Input clump voltage
ISEn = 1 mA
5.3
7.5
V
ISEn = -1 mA
-0.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com