Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH7100BAS Datasheet(PDF) 8 Page - STMicroelectronics

Part # VNH7100BAS
Description  Automotive fully integrated H-bridge motor driver
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH7100BAS Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VNH7100BAS Datasheet HTML 4Page - STMicroelectronics VNH7100BAS Datasheet HTML 5Page - STMicroelectronics VNH7100BAS Datasheet HTML 6Page - STMicroelectronics VNH7100BAS Datasheet HTML 7Page - STMicroelectronics VNH7100BAS Datasheet HTML 8Page - STMicroelectronics VNH7100BAS Datasheet HTML 9Page - STMicroelectronics VNH7100BAS Datasheet HTML 10Page - STMicroelectronics VNH7100BAS Datasheet HTML 11Page - STMicroelectronics VNH7100BAS Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Electrical specifications
VNH7100BAS
8/39
DocID029596 Rev 2
2.2
Thermal data
VESD
Electrostatic discharge
(Human body model: R = 1.5 k
; C = 100 pF)
–INA,INB, PWM
– SEL0
–CS
–VCC
– Output
2
2
2
4
4
kV
VESD
Charge device model (CDM-AEC-Q100-011)
750
V
Tc
Junction operating temperature
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C
Table 4. Absolute maximum ratings (continued)
Symbol
Parameter
Value
Unit
Table 5. Thermal data
Symbol
Parameter
Max. value
Unit
Rthj-pin Thermal resistance junction-pin
HSD
32
°C/W
LSD
45
°C/W
Rthj-amb Thermal resistance junction-ambient (JEDEC JESD 51-2)(1)
1. Device mounted on two-layers 2s0p PCB.
See Figure 24 °C/W
Rthj-amb Thermal resistance junction-ambient (JEDEC JESD 51-2)(2)
2. Device mounted on four-layers 2s2p PCB.
HSD
40.7
°C/W
LSD
55.4
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com