Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF7030 Datasheet(PDF) 21 Page - Texas Instruments

Part # REF7030
Description  REF70 2 ppm/°C Maximum Drift, 0.23 ppmp-p 1/f Noise, Precision Voltage Reference
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

REF7030 Datasheet(HTML) 21 Page - Texas Instruments

Back Button REF7030 Datasheet HTML 17Page - Texas Instruments REF7030 Datasheet HTML 18Page - Texas Instruments REF7030 Datasheet HTML 19Page - Texas Instruments REF7030 Datasheet HTML 20Page - Texas Instruments REF7030 Datasheet HTML 21Page - Texas Instruments REF7030 Datasheet HTML 22Page - Texas Instruments REF7030 Datasheet HTML 23Page - Texas Instruments REF7030 Datasheet HTML 24Page - Texas Instruments REF7030 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
ensure the output impedance of the filter does not degrade ac performance. This can occur in RC low-pass
filters where a large series resistance can impact the load transients due to output current fluctuations.
Frequency (Hz)
0
10
20
30
40
50
60
70
80
90
100
10
100
1k
10k
100k
Figure 8-10. Noise Performance 10 Hz to 100 kHz
8.5 Temperature Drift
The REF70 is designed and tested for a minimal output voltage temperature drift, which is defined as the
change in output voltage over temperature. Every unit shipped is tested at multiple temperatures to ensure that
the product meets data sheet specifications. The temperature coefficient is calculated using the box method
in which a box is formed by the min/max limits for the nominal output voltage over the operating temperature
range. REF70 has a low maximum temperature coefficient of 2 ppm/°C from –40°C to +125°C. This method
corresponds more accurately to the method of test and provides a closer estimate of actual error than the other
methods. The box method specifies limits for the temperature error but does not specify the exact shape and
slope of the device under test. Due to temperature curvature correction to achieve low-temperature drift, the
temperature drift is expected to be non-linear. See SLYT183 for more information on the box method. The box
method equation is shown in Equation 2:
REF(MAX)
REF(MIN)
6
REF(25 C)
V
V
Drift
10
V
Temperature Range
q
§
·
u
¨
¸
¨
¸
u
©
¹
(2)
Temperature (°C)
-50
-25
0
25
50
75
100
125
2.499
2.49925
2.4995
2.49975
2.5
2.50025
2.5005
2.50075
2.501
Figure 8-11. Output Voltage Vs Free-Air Temperature
8.6 Power Dissipation
The REF70 voltage references are capable of source and sink up to 10 mA of load current across the rated
input voltage range. However, when used in applications subject to high ambient temperatures, the input voltage
and load current must be carefully monitored to ensure that the device does not exceeded its maximum power
dissipation rating. The maximum power dissipation of the device can be calculated with Equation 3:
www.ti.com
REF70
SNAS781E – OCTOBER 2020 – REVISED JULY 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: REF70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com