Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGF09030P Datasheet(PDF) 1 Page - Cree, Inc

Part # UGF09030P
Description  30W, 1 GHz, 26V Broadband RF Power N-Channel Enhancement-Mode Lateral MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

UGF09030P Datasheet(HTML) 1 Page - Cree, Inc

  UGF09030P Datasheet HTML 1Page - Cree, Inc UGF09030P Datasheet HTML 2Page - Cree, Inc UGF09030P Datasheet HTML 3Page - Cree, Inc UGF09030P Datasheet HTML 4Page - Cree, Inc UGF09030P Datasheet HTML 5Page - Cree, Inc UGF09030P Datasheet HTML 6Page - Cree, Inc UGF09030P Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1 of 7
UGF09030 Rev. 2
Specifications subject to change without notice
http://cree.com/
UGF09030
Designed for base station applications in the frequency band 800MHz to 1000MHz. Rated with a
minimum output power of 30W, it is ideal for CDMA, TDMA, WCDMA, GSM, and Multi-Carrier
Power Amplifiers in Class AB operation.
30W, 1 GHz, 26V Broadband RF Power N-Channel
Enhancement-Mode Lateral MOSFET
• ALL GOLD metal system for highest reliability
• Industry standard package
• Suggested alternative to the MRF9030
• Internally matched for repeatable manufacturing
• High gain, high efficiency and high linearity
• Application Specific Performance, 870MHz
GSM:
30 Watts
17.50dB
EDGE:
13 Watts
17.50dB
IS95 CDMA:
3.5 Watts
17.50 dB
CDMA2000:
TBD Watts
17.50dB
Package Type 440095
PN: UGF9030F
Package Type 440109
PN: UGF9030P


Similar Part No. - UGF09030P

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
UGF09085 CREE-UGF09085 Datasheet
202Kb / 6P
90W, 865-880 MHz, 26V Broadband RF Power N-Channel Enhancement-Mode Lateral MOSFET
UGF09085F CREE-UGF09085F Datasheet
202Kb / 6P
90W, 865-880 MHz, 26V Broadband RF Power N-Channel Enhancement-Mode Lateral MOSFET
UGF09085P CREE-UGF09085P Datasheet
202Kb / 6P
90W, 865-880 MHz, 26V Broadband RF Power N-Channel Enhancement-Mode Lateral MOSFET
More results

Similar Description - UGF09030P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF183 MOTOROLA-MRF183 Datasheet
221Kb / 10P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF185 MOTOROLA-MRF185 Datasheet
56Kb / 4P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
MRF3010 MOTOROLA-MRF3010 Datasheet
106Kb / 8P
LATERAL N-CHANNEL BROADBAND RF POWER MOSFET
logo
List of Unclassifed Man...
UGF27025 ETC1-UGF27025 Datasheet
315Kb / 7P
25W, 2.7 GHz, 28V Broadband RF Power N-Channel Enhancement-Mode Lateral MOSFET
logo
NXP Semiconductors
MHT1000H NXP-MHT1000H Datasheet
653Kb / 10P
RF Power LDMOS Transistor N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2014
A2V09H400-04S NXP-A2V09H400-04S Datasheet
221Kb / 10P
RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 2, 02/2021
MMRF1012N NXP-MMRF1012N Datasheet
1Mb / 18P
RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
MMRF1016H NXP-MMRF1016H Datasheet
1Mb / 19P
RF Power LDMOS Transistor N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 7/2014
logo
Cree, Inc
UGF09085 CREE-UGF09085 Datasheet
202Kb / 6P
90W, 865-880 MHz, 26V Broadband RF Power N-Channel Enhancement-Mode Lateral MOSFET
logo
NXP Semiconductors
A2T14H450-23N NXP-A2T14H450-23N_V01 Datasheet
385Kb / 17P
RF Power LDMOS Transistor N−Channel Enhancement−Mode Lateral MOSFET
Rev. 1, 11/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com