Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSSHH3637DT50L0 Datasheet(PDF) 11 Page - Stackpole Electronics, Inc.

Part # CSSHH3637DT50L0
Description  Ultra-precision Metal Alloy Current Sensing Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSSHH3637DT50L0 Datasheet(HTML) 11 Page - Stackpole Electronics, Inc.

Back Button CSSHH3637DT50L0 Datasheet HTML 5Page - Stackpole Electronics, Inc. CSSHH3637DT50L0 Datasheet HTML 6Page - Stackpole Electronics, Inc. CSSHH3637DT50L0 Datasheet HTML 7Page - Stackpole Electronics, Inc. CSSHH3637DT50L0 Datasheet HTML 8Page - Stackpole Electronics, Inc. CSSHH3637DT50L0 Datasheet HTML 9Page - Stackpole Electronics, Inc. CSSHH3637DT50L0 Datasheet HTML 10Page - Stackpole Electronics, Inc. CSSHH3637DT50L0 Datasheet HTML 11Page - Stackpole Electronics, Inc. CSSHH3637DT50L0 Datasheet HTML 12Page - Stackpole Electronics, Inc. CSSHH3637DT50L0 Datasheet HTML 13Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Rev Date: 7/29/2022
11
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSS / CSSH Series
Ultra-precision Metal Alloy Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Plastic Tape Specifications (1206
– 4227)
Type/Code
Unit
0.137 ± 0.004
0.072 ± 0.004
0.315 ± 0.006
0.138 ± 0.004
0.043 ± 0.004
inches
3.48 ± 0.10
1.83 ± 0.10
8.00 ± 0.15
3.50 ± 0.10
1.10 ± 0.10
mm
0.215 ± 0.004
0.114 ± 0.004
0.052 ± 0.004
inches
5.45 ± 0.10
2.90 ± 0.10
1.33 ± 0.10
mm
0.266 ± 0.004
0.138 ± 0.004
0.472 ± 0.006
0.069 ± 0.004
0.217 ± 0.004
0.051 ± 0.004
inches
6.75 ± 0.10
3.50 ± 0.10
12.00 ± 0.15
1.75 ± 0.10
5.50 ± 0.10
1.30 ± 0.10
mm
0.266 ± 0.004
0.077 ± 0.004
inches
0.281 ± 0.004
6.75 ± 0.10
1.95 ± 0.10
mm
7.15 ± 0.10
0.303 ± 0.004
0.057 ± 0.004
inches
7.70 ± 0.10
1.45 ± 0.10
mm
0.465 ± 0.004
0.283 ± 0.004
0.945 ± 0.006
0.453 ± 0.004
0.079 ± 0.004
inches
11.80 ± 0.10
7.20 ± 0.10
24.00 ± 0.15
11.50 ± 0.10
2.00 ± 0.10
mm
CSS1206
CSS2010
CSS2512
CSS4527
E
F
T1
CSS2725
CSS2728
A
B
W
Type/Code
Unit
0.008 ± 0.002
inches
0.20 ± 0.05
mm
0.009 ± 0.002
0.157 ± 0.004
inches
0.23 ± 0.05
4.00 ± 0.10
mm
0.008 ± 0.002
0.157 ± 0.004
0.079 ± 0.004
0.059
inches
0.20 ± 0.05
4.00 ± 0.10
2.00 ± 0.10
1.50
mm
0.315 ± 0.004
inches
0.010 ± 0.002
8.00 ± 0.10
mm
0.25 ± 0.05
inches
0.472 ± 0.004
mm
0.012 ± 0.004
12.00 ± 0.10
inches
0.30 ± 0.10
mm
T2
P
P0
P1
ΦD
CSS2728
CSS4527
CSS1206
CSS2010
CSS2512
+0.004 / -0
+0.10 / -0
CSS2725
Plastic Tape Specifications (3637)
Type/Code
Unit
0.630 ± 0.008
0.472 ± 0.004
0.069 ± 0.004
0.295 ± 0.004
0.059
0.059 ± 0.004
inches
16.00 ± 0.20
12.00 ± 0.10
1.75 ± 0.10
7.50 ± 0.10
1.50
1.50 ± 0.10
mm
0.157 ± 0.004
0.079 ± 0.004
0.378 ± 0.004
0.394 ± 0.004
0.051 ± 0.004
0.010 ± 0.002
inches
4.00 ± 0.10
2.00 ± 0.10
9.60 ± 0.10
10.00 ± 0.10
1.30 ± 0.10
0.25 ± 0.05
mm
W
P
E
ØD
ØD1
F
T
CSSH3637
G
H
A
B
T1
+0.004/-0
+0.10/-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com