Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSSH0508JT50L0 Datasheet(PDF) 10 Page - Stackpole Electronics, Inc.

Part # CSSH0508JT50L0
Description  Ultra-precision Metal Alloy Current Sensing Chip Resistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

CSSH0508JT50L0 Datasheet(HTML) 10 Page - Stackpole Electronics, Inc.

Back Button CSSH0508JT50L0 Datasheet HTML 5Page - Stackpole Electronics, Inc. CSSH0508JT50L0 Datasheet HTML 6Page - Stackpole Electronics, Inc. CSSH0508JT50L0 Datasheet HTML 7Page - Stackpole Electronics, Inc. CSSH0508JT50L0 Datasheet HTML 8Page - Stackpole Electronics, Inc. CSSH0508JT50L0 Datasheet HTML 9Page - Stackpole Electronics, Inc. CSSH0508JT50L0 Datasheet HTML 10Page - Stackpole Electronics, Inc. CSSH0508JT50L0 Datasheet HTML 11Page - Stackpole Electronics, Inc. CSSH0508JT50L0 Datasheet HTML 12Page - Stackpole Electronics, Inc. CSSH0508JT50L0 Datasheet HTML 13Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Rev Date: 7/29/2022
10
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
CSS / CSSH Series
Ultra-precision Metal Alloy Current Sensing Chip Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Plastic Tape Specifications (0201
– 0805)
Type/Code
Unit
inches
0.079 ± 0.004
mm
2.00 ± 0.10
inches
mm
0.315 ± 0.012
0.069 ± 0.004
0.138 ± 0.004
0.059
inches
8.00 ± 0.30
1.75 ± 0.10
3.50 ± 0.10
1.50
mm
0.157 ± 0.004
inches
4.00 ± 0.10
mm
inches
mm
inches
mm
Type/Code
Unit
0.016 ± 0.008
0.028 ± 0.008
0.018 ± 0.002
inches
0.40 ± 0.20
0.70 ± 0.20
0.45 ± 0.05
mm
0.026 ± 0.008
0.043 ± 0.008
0.017 ± 0.002
inches
0.65 ± 0.20
1.10 ± 0.20
0.42 ± 0.05
mm
0.157 ± 0.004
0.079 ± 0.004
0.039 ± 0.008
0.073 ± 0.008
0.024 ± 0.004
inches
4.00 ± 0.10
2.00 ± 0.10
0.98 ± 0.20
1.85 ± 0.20
0.60 ± 0.10
mm
0.028 ± 0.008
inches
0.061 ± 0.008
0.091 ± 0.008
0.70 ± 0.20
mm
1.55 ± 0.20
2.30 ± 0.20
0.030 ± 0.008
inches
0.75 ± 0.20
mm
0.067 ± 0.004
0.096 ± 0.004
0.035 ± 0.008
inches
1.70 ± 0.10
2.45 ± 0.10
0.90 ± 0.20
mm
T
W
P
E
F
ØD
+0.004 / -0
+0.1 / -0
G
H
A
B
CSS0603
CSS0201
CSSH0805
CSS0402
CSS0603
CSS0508
CSS0805
CSS0201
CSS0402
CSSH0805
CSS0508
CSS0805
Item
W
P
E
F
ψD
ψD1
G
H
A
B
T1
T
MA0805 8.0±0.30
4.0±0.10 1.75±0.10 3.5±0.10
1.0±0.10 4.0±0.10 2.0±0.10 1.70±0.10 2.45±0.10 0.90±0.20
0.20±0.05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com