Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPZ2012S300A Datasheet(PDF) 1 Page - ELAN Microelectronics Corp

Part # MPZ2012S300A
Description  Ferrite Beads
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

MPZ2012S300A Datasheet(HTML) 1 Page - ELAN Microelectronics Corp

  MPZ2012S300A Datasheet HTML 1Page - ELAN Microelectronics Corp MPZ2012S300A Datasheet HTML 2Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• All specifications are subject to change without notice.
(1/2)
002-04 / 20040323 / e9413_mpz.fm
EMC Components
MPZ Series MPZ2012 Type
Ferrite Beads
SMD
Size: JIS/IEC 2012, EIA 0805
FEATURES
• The MPZ series are multilayer chip impeders for power supply
line applications.
• High miniaturized, these parts nonetheless exhibit low DC
resistance and high current handling capability.
• The products contain no lead and also support lead-free
soldering.
APPLICATIONS
Noise elimination of DC power supply lines for USB interface
circuitry, personal computers, electronic games, hard disk drives,
and other general electronic equipment.
Also effective as a noise countermeasure in signal lines.
PRODUCT IDENTIFICATION
(1)Series name
(2)Dimensions L
×W
(3)Material code
(4)Nominal impedance
331: 330
Ω at 100MHz
(5)Characteristic type
(6)Packaging style
T: Taping
ELECTRICAL CHARACTERISTICS
Please refer to the graph of RATED CURRENT vs. TEMPERATURE
CHARACTERISTICS(DERATING) about the rating current at 85°C or
more in temperature of the product.
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD
PATTERN
TEMPERATURE RANGES
PACKAGING STYLE AND QUANTITIES
RATED CURRENT vs. TEMEPERATURE CHARACTERISTICS
(DERATING)
Part No.
Impedance
(
Ω)[100MHz]
DC resistance
(
Ω)max.
Rated current
(A)max.
min.
typ.
MPZ2012S300A
20
30
0.01
5
MPZ2012S101A
75
100
0.02
4
MPZ2012S221A
165
220
0.04
3
MPZ2012S331A
250
330
0.05
2.5
MPZ2012S601A
450
600
0.1
2
MPZ 2012 S 331 A
T
(1)
(2) (3) (4) (5) (6)
Operating/storage
–55 to +125°C
Packaging style
Quantity
Taping
4000 pieces/reel
0.5
±0.3
2+0.3, –0.1
Weight: 8mg
Dimensions in mm
1
1.3
1.3
0
1
2
3
4
5
6
–55 –35
–15
5
25
45
65
85
105
125
Temperature(˚C)
S300A
S331A
S101A
S221A
S601A


Similar Part No. - MPZ2012S300A

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
MPZ2012S300A EMC-MPZ2012S300A Datasheet
65Kb / 2P
Chip Beads(SMD) For Power Line
logo
TDK Electronics
MPZ2012S300A TDK-MPZ2012S300A Datasheet
74Kb / 2P
Chip Beads(SMD) For Power Line
logo
Diodes Incorporated
MPZ2012S300A DIODES-MPZ2012S300A Datasheet
468Kb / 15P
HIGH EFFICIENCY 36V 1.5A BUCK LED DRIVER
Rev 5
MPZ2012S300A DIODES-MPZ2012S300A Datasheet
262Kb / 8P
12VDC and 12VAC input
MAY 2012
logo
TDK Electronics
MPZ2012S300ATD25 TDK-MPZ2012S300ATD25 Datasheet
117Kb / 10P
Chip Beads For power line
More results

Similar Description - MPZ2012S300A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ILBB-0805 VISHAY-ILBB-0805_06 Datasheet
132Kb / 7P
Multilayer Ferrite Beads
14-Mar-06
ILBB-1210 VISHAY-ILBB-1210_07 Datasheet
105Kb / 3P
Multilayer Ferrite Beads
28-Aug-07
logo
Superworld Electronics
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
FERRITE CHIP BEADS
Z4K300-RN-10 SUPERWORLD-Z4K300-RN-10 Datasheet
372Kb / 9P
FERRITE CHIP BEADS
Z6K101-RE-10 SUPERWORLD-Z6K101-RE-10 Datasheet
331Kb / 8P
FERRITE CHIP BEADS
logo
Allied Components Inter...
MLB10-050-RC ALLIED-MLB10-050-RC Datasheet
771Kb / 1P
Multilayer Ferrite Beads
logo
TDK Electronics
HF50ACC321611-T TDK-HF50ACC321611-T Datasheet
77Kb / 3P
Ferrite Beads SMD
logo
Allied Components Inter...
WFB ALLIED-WFB Datasheet
431Kb / 1P
Wound Ferrite Beads
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com