Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3386T Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 3386T
Description  9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

3386T Datasheet(HTML) 1 Page - DB Lectro Inc

  3386T Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
 
Standard Resistance Table
Resistance(Ohms)
Resistance Code
10
20
50
100
200
500
1,000
2,000
5,000
10,000
20,000
25,000
50,000
100,000
200,000
250,000
500,000
1,000,000
2,000,000
100
200
500
101
201
501
102
202
502
103
203
253
503
104
204
254
504
105
205
Special resistances available
Electrical Characteristics
Standard Resistance Range................50Ω~2MΩ
Resistance Tolerance..................................±10%
Absolute Minimum Resistance..........≤1%R或
10Ω
Contact Resistance Variation.................CRV≤
3%
Insulation Resistance...............R1≥1GΩ
(100Vac)
Withstand Voltage......................................600Vac
Effective Travel.............................................300°
Environmental Characteristics
Power Rating, 315 volts max
........................................0.5W@70
℃,0W@125℃
Temperature Range.........................-55
℃~
125
℃
Temperature Coefficient....................±250ppm/
℃
Temperature Variation............-
55
℃,30min,+125℃
.........................................................30min
5cycles
..............................
△R≤5%R,△(Uab/Uac)≤10%
Collision...............100m/s2,1000cycles,△R≤2%R
Electrical Endurance at
70
℃...............0.5W@70℃
.................................................1000h,
△R≤10%R
....................
△(Uab/Uac)≤10%,CRV≤3% or 5Ω
Rotational
Life.........................................200cycles
................................
△R≤10%R,CRV≤3% or 5Ω
Physical Characteristics
 
How To Order
3386----T--------103
...
Mutual dimension............................
...
Install dimension............................
9.6×9.6 Square/ Single Turn /Trimming Potentiometer
-- 3386T--
DB LECTRO Inc.
www.dblectro.com


Similar Part No. - 3386T

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3386 BOURNS-3386 Datasheet
167Kb / 3P
3/8 Square Trimming Potentiometer
3386 BOURNS-3386 Datasheet
167Kb / 3P
3/8 Square Trimming Potentiometer
3386 BOURNS-3386 Datasheet
317Kb / 3P
3/8 Square Trimming Potentiometer
3386 BOURNS-3386 Datasheet
106Kb / 1P
Bourns짰 H-815 & H-870 Surface Mount & Through-Hole Design Kits
logo
Vatronics Technologies ...
3386 VATRONICS-3386 Datasheet
79Kb / 3P
9mm Square Single-Turn Trimmer Potentiometers
More results

Similar Description - 3386T

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
3323P DBLECTRO-3323P Datasheet
198Kb / 1P
7횞7 Square/ Single Turn /Trimming Potentiometer
3323U DBLECTRO-3323U Datasheet
196Kb / 1P
7횞7 Square/ Single Turn /Trimming Potentiometer
3362P DBLECTRO-3362P Datasheet
205Kb / 1P
7횞7.2 Square/Single Turn/Trimming Potentiometer
3386C DBLECTRO-3386C Datasheet
198Kb / 1P
9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386F DBLECTRO-3386F Datasheet
198Kb / 1P
9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386H DBLECTRO-3386H Datasheet
198Kb / 1P
9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386P DBLECTRO-3386P Datasheet
200Kb / 1P
9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386U DBLECTRO-3386U Datasheet
197Kb / 1P
9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386W DBLECTRO-3386W Datasheet
194Kb / 1P
9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
3386Y DBLECTRO-3386Y Datasheet
194Kb / 1P
9.6횞9.6 Square/ Single Turn /Trimming Potentiometer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com