Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA2100BLV Datasheet(PDF) 6 Page - STMicroelectronics

Part # FDA2100BLV
Description  2 x 180 W / 1 x 300 W PWM digital input automotive power amplifier with built-in diagnostics features and step-up drive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA2100BLV Datasheet(HTML) 6 Page - STMicroelectronics

Back Button FDA2100BLV Datasheet HTML 2Page - STMicroelectronics FDA2100BLV Datasheet HTML 3Page - STMicroelectronics FDA2100BLV Datasheet HTML 4Page - STMicroelectronics FDA2100BLV Datasheet HTML 5Page - STMicroelectronics FDA2100BLV Datasheet HTML 6Page - STMicroelectronics FDA2100BLV Datasheet HTML 7Page - STMicroelectronics FDA2100BLV Datasheet HTML 8Page - STMicroelectronics FDA2100BLV Datasheet HTML 9Page - STMicroelectronics FDA2100BLV Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Device overview
FDA2100BLV
6/11
DocID030219 Rev 1
2
Device overview
The FDA2100BLV is a fully digital single chip class D amplifier with high immunity to the
demodulation filter effects, built-in diagnostic functions and step-up driver. The high
integration level and the on-board signal processing allow an excellent audio performance
to be achieved. Thanks to the digital input and a feedback strategy in the power stage that
make the amplifier robust with respect to the output filter non-idealities, the number and size
of the external components are minimized.
Differently from the typical PWM switching amplifiers, a new feedback technique is adopted
by FDA2100BLV. The LC filter is included in the feedback loop making the amplifier highly
insensitive to the characteristics of such a demodulator group. This solution optimizes the
system performance in terms of THD and frequency response. Regardless of the big phase
shifting introduced by the output filter the device shows a great phase margin for any load
condition.
A number of features has also been included to reduce EMI, making the system compliant
with the stringent limits typical of automotive applications and the fully digital approach
provides a strong GSM immunity.
The FDA2100BLV includes digital I2C and I2S interfaces, internal 20 bits DAC conversion,
digital signal processing for interpolation and noise shaping, step-up driver, internal PLL for
a pure clock generation and self diagnostic functions and automatic detection of wrong load
connections or variation of the load with respect to the expected one.
In particular, considering diagnostic feature, the FDA amplifiers family provides different
functions to detect several possible fault conditions. Any warning information will be stored
in the I2C interface and kept until the first I2C bus reading operation.
The main FDA2100BLV's diagnostic features are the following ones:
Load detection;
Under/over voltage evens;
Chip over temperature;
Digital input offset;
Output clipping;
Over temperature of an external component (i.e. step-up DMOS) through a suitable
NTC external sensor;
Output current digital acquisition.
FDA2100BLV can drive two 4 Ω speakers with an operating voltage up to 35 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com