Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA903Q Datasheet(PDF) 14 Page - STMicroelectronics

Part # FDA903Q
Description  1 CH class D digital input automotive power amplifier with diagnostics, load current monitoring wide voltage operation range for car audio and telematic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA903Q Datasheet(HTML) 14 Page - STMicroelectronics

Back Button FDA903Q Datasheet HTML 8Page - STMicroelectronics FDA903Q Datasheet HTML 9Page - STMicroelectronics FDA903Q Datasheet HTML 10Page - STMicroelectronics FDA903Q Datasheet HTML 11Page - STMicroelectronics FDA903Q Datasheet HTML 12Page - STMicroelectronics FDA903Q Datasheet HTML 13Page - STMicroelectronics FDA903Q Datasheet HTML 14Page - STMicroelectronics FDA903Q Datasheet HTML 15Page - STMicroelectronics FDA903Q Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Package information
FDA903Q
14/16
DB4489 Rev 1
Table 6. VFQFPN (7x7x1.0 48L - opt. D) package mechanical data
Symbol
Dimensions
Min.
Typ.
Max.
A
0.85
0.95
1.05
A1
-
0.00
0.05
A2
-
0.75
-
A3
-
0.20
-
b
0.15
0.25
0.35
D
6.85
7.00
7.15
D2
5.15
5.30
5.45
E
6.85
7.00
7.15
E2
5.15
5.30
5.45
e
0.45
0.50
0.55
L
0.45
0.50
0.55
ddd
-
-
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com