Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDA903U Datasheet(PDF) 15 Page - STMicroelectronics

Part # FDA903U
Description  1 x 45 W class D digital input automotive power amplifier with ILoad current monitoring, wide voltage operation range for car audio and telematic
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FDA903U Datasheet(HTML) 15 Page - STMicroelectronics

Back Button FDA903U Datasheet HTML 11Page - STMicroelectronics FDA903U Datasheet HTML 12Page - STMicroelectronics FDA903U Datasheet HTML 13Page - STMicroelectronics FDA903U Datasheet HTML 14Page - STMicroelectronics FDA903U Datasheet HTML 15Page - STMicroelectronics FDA903U Datasheet HTML 16Page - STMicroelectronics FDA903U Datasheet HTML 17Page - STMicroelectronics FDA903U Datasheet HTML 18Page - STMicroelectronics FDA903U Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 80 page
background image
DS12498 Rev 2
15/80
FDA903U
Electrical specifications
79
4.4
Typical curves of the main electrical parameters
CDSAT
Clip det sat. voltage
CD on; ICD = 1 mA
-
150
300
mV
CDLK
Clip det leakage current CD pin at 3.6 V
-
-
15
μA
Vofflin
Input DC offset
detection threshold
Theshold at which an offset present at inputs
is detected
-
-18
-
dB
Voffout
Output DC offset
detection threshold(9)
Input high pass filter disable
±1.4
±2
±2.6
V
Current sensing(10)
-
Current sensing RMS
noise 20 Hz-20 kHz
A-weighted (Equivalent mA)
-
2.95
-
mA
-
[Equivalent mA]
-
3.66
-
mA
-
Current sensing offset
Equivalent mA in output when no output signal -150
-
+150
mA
-
Current sensing gain
Equivalent mA in output / mA flowing in the
load
0.8
-
1.2
-
1. Value measured using output coil with the following characteristics: core saturation current higher than 10 A, RS at
400 kHz = 145 mΩ.
2. Measured at bench during product validation (values before LC filter). Guaranteed by correlation factor.
3. Parameter values based on bench measurements (guaranteed by correlation with overvoltage shutdown).
4. The thermal warnings are always in tracking.
5. Test correlated to the RdsON measurement (ATE test).
6. When selecting the low gain, also the thresholds for "DC diagnostic" function and "Open load in play detector" function
scale of the same factor with respect to standard gain configuration.
7. See Chapter 7: Muting function architecture for more details.
8. Guaranteed by correlation.
9. Measured at bench during product validation.
10. Values measured by using Fs = 48 kHz and IMAX = 8 A (IB8[7-6] = 11).
Table 5. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Figure 4. Efficiency and power dissipation
(Vs = 14.4 V, RL = 1 x 4 Ω, f = 1 kHz sine wave)
Figure 5. Efficiency and power dissipation
(Vs = 14.4 V, RL = 1 x 4 Ω, pink noise)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com