Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9963T-TR Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9963T-TR
Description  Automotive general purpose SPI to isolated SPI transceiver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963T-TR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9963T-TR Datasheet HTML 10Page - STMicroelectronics L9963T-TR Datasheet HTML 11Page - STMicroelectronics L9963T-TR Datasheet HTML 12Page - STMicroelectronics L9963T-TR Datasheet HTML 13Page - STMicroelectronics L9963T-TR Datasheet HTML 14Page - STMicroelectronics L9963T-TR Datasheet HTML 15Page - STMicroelectronics L9963T-TR Datasheet HTML 16Page - STMicroelectronics L9963T-TR Datasheet HTML 17Page - STMicroelectronics L9963T-TR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
•
When NSLAVE = 1 (Master configuration), this pin acts as digital input for the selection of CPHA (Clock
PHAse). It is latched during Trimming & Config Latch and should be therefore either shorted to GND or to
VDD:
–
CPHA = 0 (shorted to GND) implies that the SDI signal will be sampled upon the first SCK edge after
NCS assertion.
–
CPHA = 1 (shorted to VDD) implies that the SDI signal will be sampled upon the second SCK edge
after NCS assertion.
The internal pull-up is enabled when L9963T is in Trimming & Config Latch and is kept enabled in Normal state
in order to allow a correct driving of the pin by the open-drain output of the MCU. Moreover, in case of pin loss,
the pull-up guarantees a limp home operation where the transmitter is always enabled. To guarantee standby
consumption requirements, the pull-up is disabled while in Stand-by state.
Figure 8. TXEN/CPHA pin structure
3.2.1.7
TXAMP
TXAMP pin can be used to switch between the two possible ISOline TX amplitude configurations:
•
TXAMP = 0 selects low TX amplitude (RDIFF_ISO_OUTL)
•
TXAMP = 1 selects high TX amplitude (RDIFF_ISO_OUTH)
TXAMP sampling depends on the device state and configuration:
Table 10. TXAMP sampling strategy
L9963T
state
L9963T
configuration
TXAMP sampling
Note
Normal
state
Slave (NSLAVE =
0)
The TXAMP pin is latched upon NCS assertion. Therefore, it must
be stable at least TTXAMP_DEGLITCH + TTXAMP_SETUP before NCS
assertion. Moreover, TXAMP must be kept stable TTXAMP_HOLD
after NCS assertion in order to fulfil hold time constraints.
The new amplitude setting is applied to the TX interface after the
SPI frame has been completely transmitted over the isolated SPI
interface. This allows Managing ISOFREQ And TXAMP Pins For
Communicating With L9963.
In case several SPI
frames are being
pushed into the TX
queue, the setting
applied depends
on the last one
latched (no pipelining
supported).
L9963T
Pin configuration
DS13590 - Rev 4
page 14/45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com