Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA660 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STA660
Description  DAB/DAB/DMB-A multi-standard digital radio decoder
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA660 Datasheet(HTML) 2 Page - STMicroelectronics

  STA660 Datasheet HTML 1Page - STMicroelectronics STA660 Datasheet HTML 2Page - STMicroelectronics STA660 Datasheet HTML 3Page - STMicroelectronics STA660 Datasheet HTML 4Page - STMicroelectronics STA660 Datasheet HTML 5Page - STMicroelectronics STA660 Datasheet HTML 6Page - STMicroelectronics STA660 Datasheet HTML 7Page - STMicroelectronics STA660 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1
Function description
The STA660 can demodulate and decode two digital radio streams in parallel thus allowing to implement a DAB
foreground plus DAB background application.
1.1
DAB/DAB+/DMB-A signal processing
The STA660 detects, acquires, and demodulates DAB/DAB+/DMB-A signal. Such functions are primarily
implemented by dedicated hardware accelerators. The demodulated signal is then processed for audio decoding
and service decoding by the ARM9 processor or Xp70 DSP.
The STA660 is able to simultaneously demodulate two different DAB/DAB+/DMB-A signals radio streams. This
feature allows the device to decode one digital radio audio/data stream in parallel with the reception of a data
service broadcasted on a different radio channel.
In the single channel implementation (single RF tuner) the STA660 demodulates at the same time both the audio
and the data carried inside a single ensemble. This means that the user can both listen to audio and receive
traffic information or data broadcasted on that specific single ensemble.
In the dual channel implementation the STA660 can simultaneously demodulate audio and data associated to
different ensembles. This means that it is possible to receive traffic information broadcasted on ensemble A while
listening to audio program broadcasted on ensemble B.
1.2
Overview of main functional blocks
Figure 1. Functional block diagram
LVDS
Interface
LVDS
Interface
DAB/ DAB+/ DMB
Channel Decoder
GAPGPS02976
Tuner1
Tuner2
DSP
PLL
System
Xp70 DSP
I-RAM
D-TCM
I2S
Host Interf
UART
SDRAM Ctrl
SPI Flash Interf
ROM
RAM
I-TCM
D-TCM
ARM946
STA660
Function description
DB3863 - Rev 1
page 2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com