Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPA008ZS Datasheet(PDF) 15 Page - STMicroelectronics

Part # STPA008ZS
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA008ZS Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STPA008ZS Datasheet HTML 11Page - STMicroelectronics STPA008ZS Datasheet HTML 12Page - STMicroelectronics STPA008ZS Datasheet HTML 13Page - STMicroelectronics STPA008ZS Datasheet HTML 14Page - STMicroelectronics STPA008ZS Datasheet HTML 15Page - STMicroelectronics STPA008ZS Datasheet HTML 16Page - STMicroelectronics STPA008ZS Datasheet HTML 17Page - STMicroelectronics STPA008ZS Datasheet HTML 18Page - STMicroelectronics STPA008ZS Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
DS13138 Rev 2
15/25
STPA008ZS
General information
24
4
General information
4.1
Operation
STPA008ZS inputs are ground-compatible. If the standard value for the input capacitors
(0.22 µF) is adopted, the low frequency cut-off is 16 Hz. The input capacitors should be 1/4
of the capacitor connected to AC-GND pin for optimum pop performances.
Standby and mute pins are both 3.3 V CMOS compatible.
RC cells at both mute and stand-by pins have always to be used in order to smooth the
transitions to prevent any audible transient noise.
In case the stand-by function is not used, it could steadily be connected to VS, but a 470
kohm resistance should be present between the power supply and the pin.
The capacitance on SVR sets the start-up and shut-down times and helps to have pop-noise
free transitions. Its minimum recommended value is 10 µF. To have a fast start-up time, the
internal resistor on SVR pin, used to set the time constant, is reduced from 50 kΩ to 3 kΩ till
voltage on SVR reaches VCC/4 -2VBE and then released. In this way the capacitor on SVR
is charged very quickly to VCC/4, as shown in the following figure.
The time constant to be assigned to the standby pin in order to obtain a virtually pop-free
transition has to be slower than 2.5 V/ms.
Figure 19. SVR charge diagram
SVR pin accomplishes multiple functions:
it is used as a reference voltage for input pins (VCC/4)
the capacitor connected to SVR improves the supply voltage ripple rejection
it is used as a reference to generate the VCC/2 reference for the outputs
When the amplifier goes in standby mode or goes out from this condition, it is recommended
to put the amplifier in mute to ensure the absence of audible noise. Then the stand-by pin
can be set to the appropriate value (ground or > 2.6 V) and the capacitor on SVR pin is
discharged or charged consequently.
4.2
Battery variations
4.2.1
Low voltage operation
The most recent OEM specifications require automatic stop of car engine at traffic lights, in
order to reduce emissions of polluting substances. STPA008ZS, thanks to its innovating
design, allows a continuous operation when battery falls down. At 6 V it is still fully
GAPGPS00673
VCC/4 – 2VBE
VCC/4
Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com