Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STPA008-ZST Datasheet(PDF) 14 Page - STMicroelectronics

Part # STPA008-ZST
Description  4 x 50 W MOSFET quad bridge power amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA008-ZST Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STPA008-ZST Datasheet HTML 10Page - STMicroelectronics STPA008-ZST Datasheet HTML 11Page - STMicroelectronics STPA008-ZST Datasheet HTML 12Page - STMicroelectronics STPA008-ZST Datasheet HTML 13Page - STMicroelectronics STPA008-ZST Datasheet HTML 14Page - STMicroelectronics STPA008-ZST Datasheet HTML 15Page - STMicroelectronics STPA008-ZST Datasheet HTML 16Page - STMicroelectronics STPA008-ZST Datasheet HTML 17Page - STMicroelectronics STPA008-ZST Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Electrical specifications
STPA008ZS
14/25
DS13138 Rev 2
Figure 16. Power dissipation vs. average
Output Power (4 Ω, audio program simulation)
Figure 17. Power dissipation vs. average
Output Power (2 Ω, audio program simulation)
0
0123456
GAPG0904150748PS
CLIP START
GAUSSIAN NOISE
Vs = 14.4 V
Po-avg (W)
Pdiss (W)
60
50
40
30
20
10
0
0123456789
GAPG0904150801PS
CLIP START
GAUSSIAN NOISE
Vs = 14 V
Po-avg (W)
Pdiss (W)
90
80
70
60
50
40
30
20
10
Figure 18. ITU R-ARM frequency response, weighting filter for transient pop
Output attenuation (dB)
-50
-40
-30
-20
-10
0
10
20
30
40
10
100
1000
10000
100000
Hz
GAPGPS00153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com