Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH40200CHR Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH40200CHR
Description  Rad-Hard 40 A - 200 V fast recovery rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH40200CHR Datasheet(HTML) 1 Page - STMicroelectronics

  STTH40200CHR Datasheet HTML 1Page - STMicroelectronics STTH40200CHR Datasheet HTML 2Page - STMicroelectronics STTH40200CHR Datasheet HTML 3Page - STMicroelectronics STTH40200CHR Datasheet HTML 4Page - STMicroelectronics STTH40200CHR Datasheet HTML 5Page - STMicroelectronics STTH40200CHR Datasheet HTML 6Page - STMicroelectronics STTH40200CHR Datasheet HTML 7Page - STMicroelectronics STTH40200CHR Datasheet HTML 8Page - STMicroelectronics STTH40200CHR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TO-254AA
The TO-254-AA is a metallic package.
It is not connected to any pin nor to the inside die.
A1
A2
K
Pin2 : K
Pin3 : A2
Pin1 : A1
Features
Forward current: 2 x 20 A
Repetitive peak reverse voltage: 200 V
Low forward voltage drop: 0.87 V at 40 A / 125 °C
Monolithic dual die - common cathode
Ceramic hermetic package
TID and SEE tested
Package mass: 9.4 g
ESCC qualified: 5103/033
Description
The STTH40200CHR is a monolithic dual rectifier assembled in a TO-254AA
hermetic package and screened to comply with the ESCC5000 specification for Rad-
Hard products. It is in addition tested in total dose rate and in single event effect. it is
ESCC qualified.
The ESCC Detail Specification for this device is available from the European Space
Agency web site. ST guarantees full compliance of qualified parts with the ESCC
Detailed Specification.
Product status link
STTH40200CHR
Product summary
IF(AV)
2 x 20 A
VRRM
200 V
Tj(max)
175 °C
VF(max) at 125 °C
0.87 V
Rad-Hard 40 A - 200 V fast recovery rectifier
STTH40200CHR
Datasheet
DS12525 - Rev 5 - December 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STTH40200CHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH40P03S STMICROELECTRONICS-STTH40P03S Datasheet
91Kb / 8P
ULTRAFAST RECTIFIER PDP ENERGY RECOVERY
06-Jul-2005
STTH40P03SFP STMICROELECTRONICS-STTH40P03SFP Datasheet
91Kb / 8P
ULTRAFAST RECTIFIER PDP ENERGY RECOVERY
06-Jul-2005
STTH40P03ST STMICROELECTRONICS-STTH40P03ST Datasheet
91Kb / 8P
ULTRAFAST RECTIFIER PDP ENERGY RECOVERY
06-Jul-2005
STTH40P03SW STMICROELECTRONICS-STTH40P03SW Datasheet
91Kb / 8P
ULTRAFAST RECTIFIER PDP ENERGY RECOVERY
06-Jul-2005
More results

Similar Description - STTH40200CHR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BYV52HR STMICROELECTRONICS-BYV52HR Datasheet
82Kb / 8P
Aerospace 30 A - 200 V fast recovery rectifier
14-Apr-2010
BYV54HR STMICROELECTRONICS-BYV54HR Datasheet
82Kb / 8P
Aerospace 40 A - 200 V fast recovery rectifier
08-Jul-2010
logo
Vishay Siliconix
VS-40EPF0-M3 VISHAY-VS-40EPF0-M3_V01 Datasheet
212Kb / 7P
Fast Soft Recovery Rectifier Diode, 40 A
29-Nov-2019
logo
STMicroelectronics
STPS40A150CHR STMICROELECTRONICS-STPS40A150CHR Datasheet
208Kb / 11P
Rad-Hard 2 x 20 A - 150 V Schottky rectifier
24-Apr-2020
STPS60A150CHR STMICROELECTRONICS-STPS60A150CHR Datasheet
215Kb / 11P
Rad-Hard 2 x 30 A - 150 V Schottky rectifier
26-Jan-2022
STPS80A150CHR STMICROELECTRONICS-STPS80A150CHR Datasheet
212Kb / 11P
Rad-Hard 2 x 40 A - 150 V Schottky rectifier
06-Dec-2021
STPS80A45CHR STMICROELECTRONICS-STPS80A45CHR Datasheet
208Kb / 10P
Rad-Hard 2 x 40 A - 45 V Schottky rectifier
19-Mar-2020
STPS40A45CHR STMICROELECTRONICS-STPS40A45CHR Datasheet
401Kb / 11P
Rad-Hard 2 x 20 A - 45 V Schottky rectifier
02-Mar-2020
STTH60200CHR STMICROELECTRONICS-STTH60200CHR Datasheet
217Kb / 12P
Rad-Hard 60 A - 200 V fast recovery rectifier
12-May-2020
STTH60400HR STMICROELECTRONICS-STTH60400HR Datasheet
250Kb / 11P
Rad-Hard 60 A - 400 V fast recovery rectifier
03-Jun-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com