Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STTH40200CHYT Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH40200CHYT
Description  Rad-Hard 40 A - 200 V fast recovery rectifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH40200CHYT Datasheet(HTML) 3 Page - STMicroelectronics

  STTH40200CHYT Datasheet HTML 1Page - STMicroelectronics STTH40200CHYT Datasheet HTML 2Page - STMicroelectronics STTH40200CHYT Datasheet HTML 3Page - STMicroelectronics STTH40200CHYT Datasheet HTML 4Page - STMicroelectronics STTH40200CHYT Datasheet HTML 5Page - STMicroelectronics STTH40200CHYT Datasheet HTML 6Page - STMicroelectronics STTH40200CHYT Datasheet HTML 7Page - STMicroelectronics STTH40200CHYT Datasheet HTML 8Page - STMicroelectronics STTH40200CHYT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
1.3
Electrical characteristics
Limiting value per diodes, unless otherwise specified.
Table 3. Static electrical characteristics
Symbol
Parameter
MIL-STD-750 test method
Test conditions(1)
Min. Max. Unit
IR
Reverse leakage current
4016
DC method, VR = 200 V
Tj = 25 °C
-
30
µA
Tj = 125 °C
-
300
VF (2)
Forward voltage drop
4011
IF = 5 A
Tj = -55 °C
-
1.04
V
Tj = 25 °C
-
0.87
Tj = 125 °C
-
0.66
IF = 10 A
Tj = -55 °C
-
1.07
Tj = 25 °C
-
0.92
Tj = 125 °C
-
0.75
IF = 20 A
Tj = -55 °C
-
1.15
Tj = 25 °C
-
1.02
Tj = 125 °C
-
0.87
IF = 30 A
Tj = -55 °C
-
1.2
Tj = 25 °C
-
1.09
Tj = 125 °C
-
0.95
IF = 40 A
Tj = -55 °C
-
1.25
Tj = 25 °C
-
1.15
Tj = 125 °C
-
1.02
1. Test performed with both anode terminals 2 and 3 tied together
2. Pulse width 680 µs, duty cycle ≤ 2%
Table 4. Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
C (1)
Junction capacitance
Tj = 25 °C
VR = 10 V, F = 1 MHz
-
-
225
pF
trr(1)(2)
Reverse recovery time
Tj = 25 °C
IF = 1 A, dIF/dt = -50 A/µs, VR = 30 V
-
-
60
ns
IRM(2)
Reverse recovery current
Tj = 125 °C IF = 20 A, dIF/dt = -200 A/µs, VR = 160 V
-
9.5
A
QRR
Reverse recovery charges
-
295
nC
Sfactor
Softness factor
-
0.25
1. By default, guaranteed by sampling. Guaranteed by a 100% test in case the sampling acceptance criteria is not met.
2. Guaranteed by design and characterization. Not tested in production
STTH40200CHR
Electrical characteristics
DS12525 - Rev 5
page 3/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com