Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA75610DLVPDTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA75610DLVPDTR
Description  4 x 45 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA75610DLVPDTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA75610DLVPDTR Datasheet HTML 6Page - STMicroelectronics TDA75610DLVPDTR Datasheet HTML 7Page - STMicroelectronics TDA75610DLVPDTR Datasheet HTML 8Page - STMicroelectronics TDA75610DLVPDTR Datasheet HTML 9Page - STMicroelectronics TDA75610DLVPDTR Datasheet HTML 10Page - STMicroelectronics TDA75610DLVPDTR Datasheet HTML 11Page - STMicroelectronics TDA75610DLVPDTR Datasheet HTML 12Page - STMicroelectronics TDA75610DLVPDTR Datasheet HTML 13Page - STMicroelectronics TDA75610DLVPDTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Electrical specifications
TDA75610DLVPD
10/37
DocID024175 Rev 8
3.3
Electrical characteristics
Refer to the test circuit, VS = 14.4 V; RL = 4 Ω; f = 1 kHz; GV = 26 dB; Tamb = 25 °C; unless
otherwise specified.
Tested at Tamb = 25 °C and Thot = 105 °C; functionality guaranteed for Tj = -40 °C to 150 °C.
Table 5. Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
General characteristics
VS
Supply voltage range
RL = 4 Ω
6-
18
V
RL = 2 Ω
6-
16
Id
Total quiescent drain current
-
-
160
250
mA
RIN
Input impedance (differential)
-
90
115
140
kΩ
VAM
Min. supply mute threshold
IB1(D7) = 1
7
-
8
V
IB1(D7) = 0 (default)
5
-
6
VOS
Offset voltage
Mute & play
-80
-
80
mV
Vdth
Dump threshold
-
18.5
-
20.5
V
ISB
Standby current
Vstandby = 0
-
1
5
µA
SVR
Supply voltage rejection
f = 100 Hz to 10 kHz; Vr = 1 Vpk;
Rg = 600 Ω
60
70
-
dB
TON
Turn on timing (Mute play
transition)
D2/D1 (IB1) 0 to 1
-
25
50
ms
TOFF
Turn off timing (Play mute
transition)
D2/D1 (IB1) 1 to 0
-
25
50
ms
THWARN1
Average junction temperature for
TH warning 1
DB1 (D7) = 1
-
160
-
°C
THWARN2
Average junction temperature for
TH warning 2
DB4 (D7) = 1
-
145
-
THWARN3
Average junction temperature for
TH warning 3
DB4 (D6) = 1
-
125
-
Audio performances
PO
Output power
Max. power(1) Vs = 15.2 V, RL = 4
-45-
W
THD = 10 %, RL = 4 Ω
THD = 1 %, RL = 4 Ω
23
-
25
22
-
W
W
RL = 2 Ω; THD 10 %
RL = 2 Ω; THD 1 %
RL = 2 Ω; Max. power(1) Vs = 14.4 V
-
44
33
64
-
W
W
W
Max power@ Vs = 6 V, RL = 4
-5-
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com