Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA75610S-QLX Datasheet(PDF) 29 Page - STMicroelectronics

Part # TDA75610S-QLX
Description  4 x 45 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA75610S-QLX Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TDA75610S-QLX Datasheet HTML 25Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 26Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 27Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 28Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 29Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 30Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 31Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 32Page - STMicroelectronics TDA75610S-QLX Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
DocID025599 Rev 6
29/42
TDA75610SLV
I2C bus
41
9
I2C bus
9.1
I2C programming/reading sequences
A correct turn on/off sequence with respect to the diagnostic timings and producing no
audible noises could be as follows (after battery connection):
TURN-ON: PIN2 > 4.5 V --- 10 ms --- (STAND-BY OUT + DIAG ENABLE) --- 1 s (min)
--- MUTING OUT
TURN-OFF: MUTING IN - wait for 50 ms - HW ST-BY IN (ST-BY pin . 1.2 V)
Car Radio Installation: PIN2 > 4.5 V --- 10 ms DIAG ENABLE (write) --- 200 ms --- I2C
read (repeat until All faults disappear).
OFFSET TEST: Device in Play (no signal) -- OFFSET ENABLE - 30 ms - I2C reading
(repeat I2C reading until high-offset message disappears).
9.2
Address selection and I2C disable
When the ADSEL/I2CDIS pin is left open the I2C bus is disabled and the device can be
controlled by the STBY/MUTE pin.
In this status (no - I2C bus) the CK pin enables the HIGH-EFFICIENCY MODE (0 = STD
MODE; 1 = HE MODE) and the DATA pin sets the gain (0 = 26 dB; 1 = 16 dB).
When the ADSEL/I2CDIS pin is connected to GND the I2C bus is active with address
<1101100-x>.
To select the other I2C address a resistor must be connected to ADSEL/I2CDIS pin as
following:
0 < R < 1 kΩ: I2C bus active with address <1101100x>
11 kΩ < R < 21 kΩ: I2C bus active with address <1101101x>
40 kΩ < R < 70 kΩ: I2C bus active with address <1101110x>
R > 120 kΩ: Legacy mode
(x: read/write bit sector)
9.3
I2C bus interface
Data transmission from microprocessor to the TDA75610SLV and viceversa takes place
through the 2 wires I2C bus interface, consisting of the two lines SDA and SCL (pull-up
resistors to positive supply voltage must be connected).
9.3.1
Data validity
As shown by Figure 39, the data on the SDA line must be stable during the high period of
the clock. The HIGH and LOW state of the data line can only change when the clock signal
on the SCL line is LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com