Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7562BEP Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7562BEP
Description  4 x 46 W multifunction quad power amplifier with built-in diagnostics features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7562BEP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7562BEP Datasheet HTML 11Page - STMicroelectronics TDA7562BEP Datasheet HTML 12Page - STMicroelectronics TDA7562BEP Datasheet HTML 13Page - STMicroelectronics TDA7562BEP Datasheet HTML 14Page - STMicroelectronics TDA7562BEP Datasheet HTML 15Page - STMicroelectronics TDA7562BEP Datasheet HTML 16Page - STMicroelectronics TDA7562BEP Datasheet HTML 17Page - STMicroelectronics TDA7562BEP Datasheet HTML 18Page - STMicroelectronics TDA7562BEP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
DocID028961 Rev 1
15/34
TDA7562BEP
Diagnostics functional description
33
Figure 17. SVR and output behavior (case 1: without turn-on diagnostic)
Figure 18. SVR and output pin behavior (case 2: with turn-on diagnostic)
The information related to the outputs status is read and memorized at the end of the
current pulse top. The acquisition time is 100 ms (typ.). No audible noise is generated in the
process. As for short to GND / Vs the fault-detection thresholds remain unchanged from
30 dB to 16 dB gain setting. They are as follows:
Figure 19. Thresholds for short to GND/VS
Concerning short across the speaker / open speaker, the threshold varies from 30 dB to
16 dB gain setting, since different loads are expected (either normal speaker's impedance
or high impedance). The values in case of 30 dB gain are as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com