Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7569BDLVPD Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7569BDLVPD
Description  4 x 50 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7569BDLVPD Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7569BDLVPD Datasheet HTML 15Page - STMicroelectronics TDA7569BDLVPD Datasheet HTML 16Page - STMicroelectronics TDA7569BDLVPD Datasheet HTML 17Page - STMicroelectronics TDA7569BDLVPD Datasheet HTML 18Page - STMicroelectronics TDA7569BDLVPD Datasheet HTML 19Page - STMicroelectronics TDA7569BDLVPD Datasheet HTML 20Page - STMicroelectronics TDA7569BDLVPD Datasheet HTML 21Page - STMicroelectronics TDA7569BDLVPD Datasheet HTML 22Page - STMicroelectronics TDA7569BDLVPD Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
DocID024174 Rev 6
19/37
TDA7569BDLVPD
Diagnostics functional description
36
4.2
Permanent diagnostics
Detectable conventional faults are:
Short to GND
Short to Vs
Short across the speaker
The following additional feature is provided:
Output offset detection
The TDA7569BDLVPD has 2 operating status:
1.
RESTART mode. The diagnostic is not enabled. Each audio channel operates
independently of each other. If any of the a.m. faults occurs, only the channel(s)
interested is shut down. A check of the output status is made every 1 ms (Figure 26).
Restart takes place when the overload is removed.
2.
DIAGNOSTIC mode. It is enabled via I2C bus and it self activates if an output overload
(such as to cause the intervention of the short-circuit protection) occurs to the speakers
outputs. Once activated, the diagnostics procedure develops as follows (Figure 27):
–
To avoid momentary re-circulation spikes from giving erroneous diagnostics, a
check of the output status is made after 1ms: if normal situation (no overloads) is
detected, the diagnostic is not performed and the channel returns active.
–
Instead, if an overload is detected during the check after 1 ms, then a diagnostic
cycle having a duration of about 100 ms is started.
–
After a diagnostic cycle, the audio channel interested by the fault is switched to
RESTART mode. The relevant data are stored inside the device and can be read
by the microprocessor. When one cycle has terminated, the next one is activated
by an I2C reading. This is to ensure continuous diagnostics throughout the car-
radio operating time.
–
To check the status of the device a sampling system is needed. The timing is
chosen at microprocessor level (over half a second is recommended).
Figure 26. Restart timing without diagnostic enable (permanent) - Each 1 mS
time, a sampling of the fault is done
Figure 27. Restart timing with diagnostic enable (permanent)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com