Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7708STR Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7708STR
Description  AM/FM/HD-RadioTM submicron technology automotive receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7708STR Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7708STR Datasheet HTML 1Page - STMicroelectronics TDA7708STR Datasheet HTML 2Page - STMicroelectronics TDA7708STR Datasheet HTML 3Page - STMicroelectronics TDA7708STR Datasheet HTML 4Page - STMicroelectronics TDA7708STR Datasheet HTML 5Page - STMicroelectronics TDA7708STR Datasheet HTML 6Page - STMicroelectronics TDA7708STR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VFQFPN52 (8 x 8 x 1.0 mm)
GADG2009160839PS
Features
AEC-Q100 qualified
AM/FM reception with digital IF processing
Fully automotive grade CMOS design
AM/FM Band
Low-IF, DSP-based architecture
Very high dynamic range built-in IF-ADC
Minimum external component count
Very small footprint package
Multipath noise mitigation processing
Compatible with HD-Radio
Digital Audio Output
Fully RoHS-compliant
Description
The TDA7708S is a single chip fully-CMOS AM/FM tuner aimed at receivers for
terrestrial radio broadcasting.
The TDA7708S combines state-of-art performance with minimum external
component count, making it therefore ideal for integration into car radios and other
radio devices with challenging performance, quality, reliability and, last but not least,
cost requirements.
Such a low external component count is made possible by cutting-edge circuit and
implementation techniques that overcome the major challenges affecting both very-
low and zero IF receivers.
The TDA7708S features multiple front-end low-noise amplifiers (LNAs) to cover AM
LW/MW/SW bands, and the entire FM band, with advanced automatic gain control
(AGC) amplifier and mixer stages.
After on-chip IF filtering, the TDA7708S digitizes the signal with a very high dynamic
range ADC; it processes the complex phase-quadrature baseband signal allowing
applications like multipath noise mitigation, and integrated RDS decoding.
The TDA7708S furthermore integrates the HD-Radiochannel filtering.
Besides providing optimal AM/FM quality reception, the TDA7708S makes it the ideal
solution to realize a complete HD-Radioreceiver solution (in combination with the
external STA680D HD-Radiodecoder), with a low bill of material, high performance
and real automotive grade quality and reliability.
The TDA7708SCB requires a very small FW code to be downloaded for booting the
IC, thus making it especially suited to systems whose microcontroller has limited
code storage capability.
Product status
TDA7708S
Device summary
Order code
Package
Packing
TDA7708S
VFQFPN52
(8 x 8 x 1.0
mm)
Tray
TDA7708SCB
TDA7708STR
Tape &
Reel
TDA7708SCBTR
AM/FM/HD-Radio™ submicron technology automotive receiver
TDA7708S
Data brief
DB3138 - Rev 3 - November 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TDA7708STR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7708 STMICROELECTRONICS-TDA7708 Datasheet
202Kb / 8P
AM/FM/HD-Radio™ submicron technology automotive receiver
25-Nov-2019
TDA7708CB STMICROELECTRONICS-TDA7708CB Datasheet
202Kb / 8P
AM/FM/HD-Radio™ submicron technology automotive receiver
25-Nov-2019
TDA7708CBTR STMICROELECTRONICS-TDA7708CBTR Datasheet
202Kb / 8P
AM/FM/HD-Radio™ submicron technology automotive receiver
25-Nov-2019
TDA7708TR STMICROELECTRONICS-TDA7708TR Datasheet
202Kb / 8P
AM/FM/HD-Radio™ submicron technology automotive receiver
25-Nov-2019
More results

Similar Description - TDA7708STR

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4745-C10-GM SILABS-SI4745-C10-GM Datasheet
66Kb / 2P
Automotive AM/FM Radio Receiver
logo
List of Unclassifed Man...
SI4763-A10-GM ETC2-SI4763-A10-GM Datasheet
51Kb / 2P
High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
logo
Silicon Laboratories
SI4683-A10 SILABS-SI4683-A10 Datasheet
53Kb / 2P
Single-Chip, AM/FM/HD Radio Receiver
SI47920 SILABS-SI47920 Datasheet
1,016Kb / 3P
High-Performance Automotive AM/FM Radio Receiver
SI4757-A10-AM SILABS-SI4757-A10-AM Datasheet
997Kb / 3P
High Performance Automotive AM/FM Radio Receiver
SI4763-A20-AM SILABS-SI4763-A20-AM Datasheet
995Kb / 3P
High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
SI4769-A41-GMR SILABS-SI4769-A41-GMR Datasheet
995Kb / 3P
High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
logo
STMicroelectronics
STA710 STMICROELECTRONICS-STA710 Datasheet
201Kb / 7P
AM/FM/HD-RadioTM/DAB automotive digital output tuner
TDA7707 STMICROELECTRONICS-TDA7707 Datasheet
201Kb / 7P
AM/FM/HD-RadioTM/DAB submicron technology automotive receiver
25-Nov-2019
TDA7708 STMICROELECTRONICS-TDA7708 Datasheet
202Kb / 8P
AM/FM/HD-Radio™ submicron technology automotive receiver
25-Nov-2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com