Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA7901-ZST Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA7901-ZST
Description  High efficiency digital input automotive quad power amplifier with built-in diagnostics features, Class-G integrated, ’start stop’ compatible
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7901-ZST Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA7901-ZST Datasheet HTML 2Page - STMicroelectronics TDA7901-ZST Datasheet HTML 3Page - STMicroelectronics TDA7901-ZST Datasheet HTML 4Page - STMicroelectronics TDA7901-ZST Datasheet HTML 5Page - STMicroelectronics TDA7901-ZST Datasheet HTML 6Page - STMicroelectronics TDA7901-ZST Datasheet HTML 7Page - STMicroelectronics TDA7901-ZST Datasheet HTML 8Page - STMicroelectronics TDA7901-ZST Datasheet HTML 9Page - STMicroelectronics TDA7901-ZST Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
3
General description
The TDA7901 is a 4-bridge channel amplifier featuring a powerful integrated digital to analog converter, ensuring
high audio quality and immunity from any input disturbances. Moreover, it combines the advantages of the
Class-G solution to the improved high efficiency (SB-I) already embedded in the TDA780x running family.
Class-G works based on an integrated buck controller that automatically adjusts the voltage rail depending on
the audio signal level thus optimizing efficiency at each output level. Thanks to this innovative combination of
features, the TDA7901 is nearly as efficient as a Class-D amplifier when providing the normal listening level
of audio power (1 W).
In addition, by integrating full in-play diagnostics as well as a digital impedance meter and real-time load-current
monitor the TDA7901 is aligned with the most advanced audio amplifiers and with the most demanding OEM
requirements.
Finally, TDA7901 complies with the highest audio quality standards, such as exceptionally low noise (< 20 μV),
very high Dynamic Range (117 dB), and support HD (high definition) audio as well with a frequency response flat
until 80 kHz.
TDA7901 works over a 4.5-18 V operating range on 4 Ω loads and it is housed in a compact PowerSO36 that
helps to reduce the overall system space occupation and cost.
Thanks to the above mentioned features and also considering the better EMC performances, the TDA7901
can offer a wide range of advantages compared to a class D application, including the reduced system space
occupation for mid-power operation.
TDA7901
General description
DB4653 - Rev 1
page 6/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com