Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM9469 Datasheet(PDF) 10 Page - Diodes Incorporated

Part # AM9469
Description  LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AM9469 Datasheet(HTML) 10 Page - Diodes Incorporated

Back Button AM9469 Datasheet HTML 6Page - Diodes Incorporated AM9469 Datasheet HTML 7Page - Diodes Incorporated AM9469 Datasheet HTML 8Page - Diodes Incorporated AM9469 Datasheet HTML 9Page - Diodes Incorporated AM9469 Datasheet HTML 10Page - Diodes Incorporated AM9469 Datasheet HTML 11Page - Diodes Incorporated AM9469 Datasheet HTML 12Page - Diodes Incorporated AM9469 Datasheet HTML 13Page - Diodes Incorporated AM9469 Datasheet HTML 14Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AM9469
Document number: DS38810 Rev. 2 - 2
10 of 16
www.diodes.com
April 2018
© Diodes Incorporated
AM9469
Application Notes (Continued)
Speed Control
This device allows both the DC voltage input and PWM signal input for speed control. Typically, only one of the methods is used to control the
motor speed. In DC voltage speed control mode, the voltage on the VCONT Pin is compared with the CPWM triangular wave to generate
internal PWM signal to drive the output. In PWM speed control mode, the PWM signal on the PWM Pin directly controls the output PWM drive.
The typical application circuits shows the two speed control methods.
1.
Speed Control by PWM Pin
REGH
5VREG
VCONT
RMI
FG
RD
IN1
HB
IN2
CPWM
PWM
GND
3
4
5
6
7
8
14
13
12
11
10
9
RF
OUT2
1
2
16
15
OUT1
Dz
D1
RF
CPWM
Hall
PWM signal for
speed control
C1
SYSTEM
POWER
AM9469
R1
VDD
Motor Coil
2.
Speed Control by VCONT/RMI Pin
REGH
5VREG
VCONT
RMI
FG
RD
IN1
HB
IN2
CPWM
PWM
GND
3
4
5
6
7
8
14
13
12
11
10
9
RF
OUT2
1
2
16
15
OUT1
Dz
D1
RF
CPWM
C1
SYSTEM
POWER
VPWM
Hall
AM9469
R1
VDD
Motor Coil



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com