Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP22652 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AP22652
Description  PRECISION ADJUSTABLE CURRENT-LIMITED POWER SWITCHES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22652 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AP22652 Datasheet HTML 8Page - Diodes Incorporated AP22652 Datasheet HTML 9Page - Diodes Incorporated AP22652 Datasheet HTML 10Page - Diodes Incorporated AP22652 Datasheet HTML 11Page - Diodes Incorporated AP22652 Datasheet HTML 12Page - Diodes Incorporated AP22652 Datasheet HTML 13Page - Diodes Incorporated AP22652 Datasheet HTML 14Page - Diodes Incorporated AP22652 Datasheet HTML 15Page - Diodes Incorporated AP22652 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AP22652/AP22653/AP22652A/AP22653A
Document number: DS41186 Rev. 3 - 2
15 of 16
www.diodes.com
September 2021
© Diodes Incorporated
AP22652/AP22653/AP22652A/AP22653A
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1) Package Type: SOT26 (Type A1)
(2) Package Type: W-DFN2020-6 (Type A1)
Mechanical Data
SOT26 (Type A1)
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish – Matte Tin Plated Leads, Solderable per MIL-STD-202, Method 208
•
Weight: 0.016 grams (Approximate)
W-DFN2020-6 (Type A1)
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Finish – Matte Tin Plated Leads, Solderable per MIL-STD-202, Method 208
•
Weight: 0.0075 grams (Approximate)
G Y1
C
X
C
Y
X1
X
Y1
C
Y2
Dimensions
Value
(in mm)
C
0.950
G
1.600
X
0.700
Y
0.900
Y1
3.400
Dimensions
Value
(in mm)
C
0.65
X
0.38
X1
1.50
Y
0.45
Y1
0.70
Y2
2.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com