Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP22913 Datasheet(PDF) 15 Page - Diodes Incorporated

Part # AP22913
Description  SINGLE SLEW RATE CONTROLLED LOAD SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22913 Datasheet(HTML) 15 Page - Diodes Incorporated

Back Button AP22913 Datasheet HTML 9Page - Diodes Incorporated AP22913 Datasheet HTML 10Page - Diodes Incorporated AP22913 Datasheet HTML 11Page - Diodes Incorporated AP22913 Datasheet HTML 12Page - Diodes Incorporated AP22913 Datasheet HTML 13Page - Diodes Incorporated AP22913 Datasheet HTML 14Page - Diodes Incorporated AP22913 Datasheet HTML 15Page - Diodes Incorporated AP22913 Datasheet HTML 16Page - Diodes Incorporated AP22913 Datasheet HTML 17Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
AP22913
Document number: DS41203 Rev. 6 - 2
15 of 17
www.diodes.com
May 2021
© Diodes Incorporated
AP22913
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
X1-WLB0909-4
X1-WLB0909-4
Dim
Min
Max
Typ
A
0.410 0.500 0.455
A1
0.160 0.200 0.180
A2
0.225 0.275 0.250
b
0.215 0.255 0.235
D
0.840 0.900 0.870
D1
0.450 0.550 0.500
E
0.840 0.900 0.870
E1
0.450 0.550 0.500
e
0.500 BSC
SD
0.250 BSC
SE
0.250 BSC
All Dimensions in mm
SOT26
SOT26
Dim Min Max
Typ
A1 0.013 0.10
0.05
A2 1.00 1.30
1.10
A3 0.70 0.80
0.75
b
0.35 0.50
0.38
c
0.10 0.20
0.15
D
2.90 3.10
3.00
e
-
-
0.95
e1
-
-
1.90
E
2.70 3.00
2.80
E1 1.50 1.70
1.60
L
0.35 0.55
0.40
a
-
-
8°
a1
-
-
7°
All Dimensions in mm
Øb ( 4x)
E1
D1
SD
SE
e
A1 CORNER
BY MARKING
E
D
A
A2
A1
SEATING PLANE
a1
D
e
E1
E
b
A2
A1
Seating Plane
L
c
a
e1
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com