Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS94235 Datasheet(PDF) 13 Page - Integrated Circuit Systems

Part # ICS94235
Description  PROGRAMMABLE SYSTEM CLOCK CHIP FOR AMD-K7 TM PROCESSOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS94235 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS94235 Datasheet HTML 9Page - Integrated Circuit Systems ICS94235 Datasheet HTML 10Page - Integrated Circuit Systems ICS94235 Datasheet HTML 11Page - Integrated Circuit Systems ICS94235 Datasheet HTML 12Page - Integrated Circuit Systems ICS94235 Datasheet HTML 13Page - Integrated Circuit Systems ICS94235 Datasheet HTML 14Page - Integrated Circuit Systems ICS94235 Datasheet HTML 15Page - Integrated Circuit Systems ICS94235 Datasheet HTML 16Page - Integrated Circuit Systems ICS94235 Datasheet HTML 17Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
ICS94235
Third party brands and names are the property of their respective owners.
Electrical Characteristics - PCICLK
TA = 0 - 70
º C VDD = 3.3V +/-5%; C = 30pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High VoltageVOH1
IOH = -11 mA
2.6V
Output Low VoltageVOL1
IOL = 9.4 mA
0.4V
Output High CurrentIOH1
VOH = 2.0 V
-16
mA
Output Low CurrentIOL1
VOL = 0.8 V
19
mA
Rise Time1
tr1
VOL = 0.4 V, VOH = 2.4 V
1.63
2
ns
Fall Time1
tf1
VOH = 2.4 V, VOL = 0.4 V
1.63
2
ns
Duty Cycle1
dt1
VT = 1.5V
45
51.9
55%
Skew1
Tsk1
VT = 1.5V
170
500
ps
1Guaranteed by design, not 100% tested in production.
Electrical Characteristics - PCICLK_F
TA = 0 - 70
º C; VDD = 3.3V +/-5%; CL = 20 pF (unless otherwise stated).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High VoltageVOH1
IOH = -11 mA
2.6V
Output Low VoltageVOL1
IOL = 9.4 mA
0.4V
Output High CurrentIOH1
VOH = 2.0 V
-12
mA
Output Low CurrentIOL1
VOL = 0.8 V
12
mA
Rise Time1
tr1
VOL = 0.4 V, VOH =2.4 V
1.63
2
ns
Fall Time1
tf1
VOH = 2.4 V, VOL = 0.4 V
1.63
2
ns
Duty Cycle1
dt1
VT = 50%
45
49.7
55%
Skew1(window)Tsk1
VT = 50%
170
500
ps
1Guaranteed by design, not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com