Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS270D Datasheet(PDF) 1 Page - Picker Components

Part # PCS270D
Description  Double SCR Solid State Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS270D Datasheet(HTML) 1 Page - Picker Components

  PCS270D Datasheet HTML 1Page - Picker Components PCS270D Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Double SCR Solid State Relay
FEATURES
Solid Epoxy Body Resistant to the environment
4,000 Volt isolation between input and output
Completely sealed, Immersion cleanable
3 to 32 Volt DC or 90 to Volt AC input
40 to 80 Amp Output
48 to 280, 48 to 400 or 48 to 530 VAC Output
PCS
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PCS Rev A 11-29-04
PAGE 1
Zero crossing or Random turn-on switching
2.275
1.775
.900
1.85
SNAP ON
SAFETY COVER
STANDARD
Built in snubber network
Very high surge resistance
Back to Back SCR output
Industry standard "Hockey Puck" design
Dimensions in Inches
LOAD
PCS250DL
1
2
50 AMP 48 to 280 VAC
INPUT
3 TO 32 VDC
4
3
1104
-
+
Built in LED indicator


Similar Part No. - PCS270D

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS27 PICKER-PCS27 Datasheet
309Kb / 2P
AC Output Solid State Relay
PCS27-AC PICKER-PCS27-AC Datasheet
309Kb / 2P
AC Output Solid State Relay
PCS27-DC PICKER-PCS27-DC Datasheet
241Kb / 2P
DC Output Solid State Relay
More results

Similar Description - PCS270D

ManufacturerPart #DatasheetDescription
logo
celduc-relais
SCB345100 CELDUC-SCB345100 Datasheet
105Kb / 2P
Double Solid State Relay
SCB564310 CELDUC-SCB564310 Datasheet
83Kb / 2P
Double Solid State Relay
SCB565300 CELDUC-SCB565300 Datasheet
105Kb / 2P
Double Solid State Relay
SCB665300 CELDUC-SCB665300 Datasheet
107Kb / 2P
Double Solid State Relay
SCB865300 CELDUC-SCB865300 Datasheet
125Kb / 3P
Double Solid State Relay
SCB942300 CELDUC-SCB942300 Datasheet
457Kb / 3P
Double Solid State Relay
SCB942600 CELDUC-SCB942600 Datasheet
119Kb / 3P
Double Solid State Relay
SCB945300 CELDUC-SCB945300 Datasheet
251Kb / 3P
Double Solid State Relay
SCB965600 CELDUC-SCB965600 Datasheet
124Kb / 3P
Double Solid State Relay
SOB542460 CELDUC-SOB542460 Datasheet
437Kb / 2P
Double Solid State Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com