Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC322 Datasheet(PDF) 1 Page - Picker Components

Part # PC322
Description  Subminiature PCB Telecom Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC322 Datasheet(HTML) 1 Page - Picker Components

  PC322 Datasheet HTML 1Page - Picker Components PC322 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Subminiature PCB Telecom Relay
FEATURES
Subminiature design
DIL Package for PC board or socket
Meets FCC part 68 voltage surge
Contact capacity from 1 mA to 1.25 A
Class "B" insulation standard
Three coil sensitivities available
PC322
Switching Current Range
Max. Continuous Current
2 Amps
2 Form C
UL/CSA RATINGS
Sales: Call Toll Free (888)997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PC322 Rev C 4-8-04
PAGE 1
Sealed, immersion cleanable
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgPd + Au (Silver Palladium + Gold Plate)
2 X 107
2 X 10 6
Operations
Operations
DPDT (crossbar contacts)
File # E86876
Contact Form
Switching Voltage Range
10 mVAC - 125VAC; 10 mVDC - 150 VDC
1 mA to 1.25 A
AgNi + Au (Silver Nickle + Gold Plate)
Switching Power Range
10 micro W to 30 W / 50 VA
50 mOhm max @ 1mA, 20mV, 1KHz, meets DIN 4160 part 4
Type
Resistance
Ohms
Must Operate
Voltage Max.
(VDC)
Allowable
Operating
Voltage Range
Coil
Voltage
Hold
Voltage
Must
Release
Voltage
COIL DATA
Standard
.515 W
to
.560 W
H
Sensitive
0.2 W
L
Sensitive
0.15 W
4.5
5
6
12
24
48
5
6
9
12
24
48
4.5
5
6
12
24
48
+
3.4
3.8
4.5
9.0
18.0
36.0
3.8
4.5
6.8
9.0
18.0
36.0
3.4
3.8
4.5
9.0
18.0
36.0
1.125
1.25
1.5
3
6
12
1.25
1.5
6.75
9
18
38
1.125
1.25
1.5
3
6
12
0.225
0.25
0.3
0.6
1.2
2.4
0.4
0.48
0.72
0.96
1.92
3.84
0.36
0.4
0.48
0.96
1.92
3.84
36
2.9
+
45
3.6
+
70
5.6
+
280
22
+
1070
107
+
4300
430
+
125
7
+
180
10
+
405
41
+
720
72
+
2880
288
+
11520
1152
+
135
11
+
167
13
+
240
19
+
960
96
+
3840
384
+
15360
1536
3.4 - 7.0
3.8 -7.8
4.5 - 9.7
9.0 - 19.4
18.0 - 37.6
36.0 - 74.2
3.8 - 12.5
4.5 - 15.0
6.8 - 27.5
9.0 - 30
18.0 - 60
36.0 - 121.4
3.4 - 13.5
3.8 - 15
4.5 - 18
9.0 - 35.6
18.0 - 70.1
36.0 - 140
Note: Custom coil voltages within the ranges shown are available on special order.
ORDERING INFORMATION
Example:
PC322
Model
Contact Material
Nil: AgNi + Au; P: AgPd + Au
Sensitivity
P
Nil: Standard .515 to .560 W; H: 0.2 W; L: 0.15 W
Coil Voltage
H
-12


Similar Part No. - PC322

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC322-05AH PICKER-PC322-05AH Datasheet
147Kb / 2P
Telecom Relay
PC322-05AJ PICKER-PC322-05AJ Datasheet
147Kb / 2P
Telecom Relay
PC322-05AL PICKER-PC322-05AL Datasheet
147Kb / 2P
Telecom Relay
PC322-05AM PICKER-PC322-05AM Datasheet
147Kb / 2P
Telecom Relay
PC322-05BH PICKER-PC322-05BH Datasheet
147Kb / 2P
Telecom Relay
More results

Similar Description - PC322

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HG4078B ETC-HG4078B Datasheet
1Mb / 2P
Subminiature PCB Telecom Relay
logo
Picker Components
PC312 PICKER-PC312 Datasheet
173Kb / 2P
Subminiature PCB Telecom Relay
PC312B PICKER-PC312B Datasheet
171Kb / 2P
Subminiature PCB Telecom Relay
PC323 PICKER-PC323 Datasheet
177Kb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
logo
DB Lectro Inc
HG4100 DBLECTRO-HG4100 Datasheet
58Kb / 2P
Subminiature PCB Telecom Relay
HG4516 DBLECTRO-HG4516 Datasheet
59Kb / 2P
Subminiature PCB Telecom Relay
logo
Picker Components
PC312 PICKER-PC312_14 Datasheet
173Kb / 2P
Subminiature PCB Telecom Relay
PC312B PICKER-PC312B_14 Datasheet
173Kb / 2P
Subminiature PCB Telecom Relay
PC322 PICKER-PC322_14 Datasheet
168Kb / 2P
Subminiature PCB Telecom Relay
PC324 PICKER-PC324_14 Datasheet
245Kb / 2P
Subminiature PCB Telecom Relay With Bifurcated Contacts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com