Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC323S Datasheet(PDF) 2 Page - Picker Components

Part # PC323S
Description  Subminiature PCB Telecom Relay With Bifurcated Contacts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC323S Datasheet(HTML) 2 Page - Picker Components

  PC323S Datasheet HTML 1Page - Picker Components PC323S Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type
Standard
Sensitive H & L
Operate Time
Operate Bounce
Release Time
Release Bounce
Insulation Resistance
Dielectric Strength
Surge Strength
Capacitance
Shock Resistance
Vibration Resistance
Allowable Max. Power
Ambient Temperature
Power Consumption
Weight
5 ms. max.
5 ms. max.
1 ms. typical
0.5 ms. typical
3 ms. max.
5 ms. max.
2.5 ms. typical
3 ms. typical
1000 Megohms min. at 500 VDC, 50% RH
1000 V rms, 1 min. between coil and contacts and between adjacent parts
1000 V rms, 1 min. between open contacts
1500 V, between coil and contacts (FCC Part 68)
0.7 pf max. between contacts; 0.9 pf max. between adjacent poles; 1.0 pf max. between coil and contacts
50 g, 11 ms.
10 g, 10 - 70 Hz
1.02 W
Consumption at 20 C
-40 degrees C to 90 degrees C (-40 degrees C to 80 degreec C for 0.3 w coil)
0.45 W
0.15 to 0.3 W
4.5 grams approx.
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
Tolerances + .010 unless otherwise noted
Notes:
PC323S
PC323S
(7.62)
.30
(7.62) (5.08) (5.08)
.30
.20
.20
Dimensions in Inches (millimeters)
Drawings are 2X actual size
Bottom View
PC Board Layout
Wiring Diagram
(9.8)
.386
(20.0)
.787
(12.0)
.472
(3.3)
.130
Side View
End View
.040 Dia. Typ.
(1.0)
CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com