Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAR6002D Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # BAR6002D
Description  60 AMP JUMBO DIODE CELL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

BAR6002D Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  BAR6002D Datasheet HTML 1Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
MECHANICAL SPECIFICATION
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
Data Sheet No. BUDI-6000D-1A
60 AMP JUMBO DIODE CELL
DIOTEC ELECTRONICS CORP
K21
Die Size:
0.216" Flat to Flat
Hex
R
R
PROPRIETARY
JUNCTION
PASSIVATION FOR SUPERIOR RELIABILITY AND
PERFORMANCE
SOFT GLASS
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
RoHS
CO
MPLIANT


Similar Part No. - BAR6002D

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
BAR6002 DEC-BAR6002 Datasheet
244Kb / 1P
60 AMP BUTTON DIODES
BAR6002S DEC-BAR6002S Datasheet
233Kb / 1P
60 AMP BUTTON DIODES
More results

Similar Description - BAR6002D

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
BAR5001D DEC-BAR5001D Datasheet
245Kb / 1P
50 AMP JUMBO DIODE CELL
BAR7500D DEC-BAR7500D Datasheet
272Kb / 1P
75 AMP JUMBO DIODE CELL
logo
MIC GROUP RECTIFIERS
JSOZA501 MIC-JSOZA501 Datasheet
38Kb / 2P
JUMBO SOZA CELL
JSOZAA50L MIC-JSOZAA50L Datasheet
20Kb / 1P
JUMBO SOZA CELL
JSOZAA50Z MIC-JSOZAA50Z Datasheet
20Kb / 1P
JUMBO SOZA CELL
JSOZAA70L MIC-JSOZAA70L Datasheet
20Kb / 1P
JUMBO SOZA CELL
JSOZAA70Z MIC-JSOZAA70Z Datasheet
20Kb / 1P
JUMBO SOZA CELL
logo
DIOTEC Electronics Corp...
BUDI-5000D-1A DEC-BUDI-5000D-1A Datasheet
59Kb / 1P
50 AMP JUMBO DIODE CELL
BUDI-6000D-1A DEC-BUDI-6000D-1A Datasheet
59Kb / 1P
60 AMP JUMBO DIODE CELL
BUDI-7500D-1A DEC-BUDI-7500D-1A Datasheet
59Kb / 1P
75 AMP JUMBO DIODE CELL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com