Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCS270DL Datasheet(PDF) 2 Page - Picker Components

Part # PCS270DL
Description  Double SCR Solid State Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PCS270DL Datasheet(HTML) 2 Page - Picker Components

  PCS270DL Datasheet HTML 1Page - Picker Components PCS270DL Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Absolute Maximum Ratings at 25 Degrees C
Parameter
Symbol
Rating
Unit
Input signal voltage
Drop out voltage
RMS on state current
Peak one cycle surge current
Repetitive peak off state voltage
Operating frequency
Critical rate of rise on state current
Load supply voltage
Isolation voltage input to output
Operating temperature
Storage temperature
Soldering temperature 10 seconds
IN
V
V
I
I
V
f
di/dt
V
V
T
T
T
do
T
surge
out
iso
opr
stg
sol
DRM
3-32
1
40, 50, 60, 70 and 80
10x
600 *See note 2
47 - 70
50
48 to 530
4000
-30 - 80
-30 - 100
260
C
o
C
o
C
o
Vrms
Vrms AC
Hz
V
A
A rms
VDC
VDC
A/
S
Electrical Characteristics at 25 Degrees C
Parameter
Symbol
Conditions
Unit
Pick up voltage
Input current
On state voltage
Operating current
Leakage current
Critical rate of rise of off state voltage
Zero cross voltage
Load voltage rating
Minimum trigger current
Isolation resistance input to circuit
RandomTurn on time DC Input
Turn on time Zero Cross DC input
pu
I
V
V
I
I
dv/dt
V
V
I
R
T
T
in
T
op
out
FT
iso
on
on
leak
25 mA MAX
48 TO 530VAC
50 mArms MIN
1.7V rms MAX
5 TO 25 mA
3 VDC MAX
ox
It=1Arms
Vin=4 - 32V
It=1Arms
Vout=240 Vrms
Vout=240 Vrms
5 mArms
See Note 1
500V/
S
35 VAC MAX
10
10 OHMS MIN
1 ms
1/2 cycle + 1ms
I in =7mA
I
T =50mArms MIN
VDRM =600V
DC 500V
48 to 70Hz AC
48 to 70Hz AC
I T
Sales: Call Toll Free (888) 997-3933 Fax (818) 342-5296 email: pickerwest@sbcglobal.net URL: pickercomponents.com
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
PAGE 2
PCS
PCS
90-280
VAC
10
VAC
90 VAC MAX
Turn on time Zero Cross AC input
T on
48 to 70Hz AC
20 ms
Max Turn off time DC input
Max Turn off time AC input
T off
T off
48 to 70Hz AC
48 to 70Hz AC
1/2 cycle + 1ms
40 ms
Ordering Example:
PCS
Model
50
40: 40A, 50: 50A, 60: 60A, 70: 70A, 80: 80A
L
Load Current
Zero Cross Function
-1
Input Type
A
Output Voltage Rating
2: 240 (48 to 280 VAC)
3: 380 (48 to 400 VAC)
4: 480 (48 to 539 VAC)
2
D: 3 to 32 VDC, A1: 90 to 130 VAC, A2: 180 to 260
Indication
NIL: None, L: LED
Nil: Zero Cross Turn On, -1: Random Turn On



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com