Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VD1940 Datasheet(PDF) 2 Page - STMicroelectronics

Part # VD1940
Description  Automotive grade 5.1 megapixel backside illuminated global and rolling shutter sensor for near infrared and visible scenes
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD1940 Datasheet(HTML) 2 Page - STMicroelectronics

  VD1940 Datasheet HTML 1Page - STMicroelectronics VD1940 Datasheet HTML 2Page - STMicroelectronics VD1940 Datasheet HTML 3Page - STMicroelectronics VD1940 Datasheet HTML 4Page - STMicroelectronics VD1940 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Applications
The VB1940, VD1940 5.1 MP image sensor is designed for a large FoV (field of view) and incabin monitoring,
including driver monitoring applications. It comprises both full HDR color images and sensitive full resolution NIR
images. This sensor is specifically designed to manage RGB and NIR operations. This is achieved by outputting
RGB bayer color images on one side, and full resolution NIR images on the other side. The VB1940, VD1940
also includes embedded assets that target ASIL-B safety levels. In addition, this sensor contains cybersecurity
features that prevent hacking.
Description
The VB1940, VD1940 is a 5.1 MP image sensor with both rolling and global shutter modes.
In rolling shutter mode, the VB1940, VD1940 produces a single HDR color frame output through the MIPI CSI 2
interface. This is achieved by combining a short and long exposure. In addition, the user can activate a function
that converts the RGB NIR pattern to an RGGB format. Such format is compatible with any standard automotive
ECU (electronic control unit).
In global shutter mode, the RGB pixels upscale the NIR image to full resolution. This innovative use of the NIR
information is achieved thanks to the independent exposition of the NIR and RGB pixels.
The sensor captures up to 60 frames per second in a 2560 x 1984 resolution format. The device is fully
configurable through the I²C serial interface. It also provides flexible frame-to-frame configuration changes via the
use of programmable contexts. Up to four contexts can be sequenced in a versatile loop of up to 32 elements.
The sensor is designed as a SEOOC (safety element out of context). It is compliant with ISO26262 standards and
ASIL-B safety levels.
The VB1940, VD1940 is designed with a full set of cyber security features.
VB1940, VD1940
DB4790 - Rev 1
page 2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com