Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL53L1 Datasheet(PDF) 34 Page - STMicroelectronics

Part # VL53L1
Description  New generation Time-of-Flight ranging sensor with advanced multi-zone and multi-object detection
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L1 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button VL53L1 Datasheet HTML 30Page - STMicroelectronics VL53L1 Datasheet HTML 31Page - STMicroelectronics VL53L1 Datasheet HTML 32Page - STMicroelectronics VL53L1 Datasheet HTML 33Page - STMicroelectronics VL53L1 Datasheet HTML 34Page - STMicroelectronics VL53L1 Datasheet HTML 35Page - STMicroelectronics VL53L1 Datasheet HTML 36Page - STMicroelectronics VL53L1 Datasheet HTML 37Page - STMicroelectronics VL53L1 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
Packaging and labeling
VL53L1
34/39
DocID029631 Rev 12
8.6
Handling and storage precautions
8.6.1
Shock precaution
Sensor modules house numerous internal components that are susceptible to shock
damage. If a unit is subject to excessive shock, is dropped on the floor, or a tray/reel of units
is dropped on the floor, it must be rejected, even if no apparent damage is visible.
8.6.2
Part handling
Handling must be done with non-marring ESD safe carbon, plastic, or teflon tweezers.
Ranging modules are susceptible to damage or contamination. The customer is advised to
use a clean assembly process after removing the tape from the parts, and until a protective
cover glass is mounted.
8.6.3
Compression force
A maximum compressive load of 25 N should be applied on the module.
8.6.4
Moisture sensitivity level
Moisture sensitivity is level 3 (MSL) as described in IPC/JEDEC JSTD-020-C
8.7
Storage temperature conditions
Table 20. Recommended storage conditions
Parameter
Min.
Typ.
Max.
Unit
Temperature (storage)
-40
23
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com