Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA350BWTR Datasheet(PDF) 76 Page - STMicroelectronics

Part # STA350BWTR
Description  2.1-channel high-efficiency digital audio system Sound TerminalR
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA350BWTR Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STA350BWTR Datasheet HTML 72Page - STMicroelectronics STA350BWTR Datasheet HTML 73Page - STMicroelectronics STA350BWTR Datasheet HTML 74Page - STMicroelectronics STA350BWTR Datasheet HTML 75Page - STMicroelectronics STA350BWTR Datasheet HTML 76Page - STMicroelectronics STA350BWTR Datasheet HTML 77Page - STMicroelectronics STA350BWTR Datasheet HTML 78Page - STMicroelectronics STA350BWTR Datasheet HTML 79Page - STMicroelectronics STA350BWTR Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 94 page
background image
Register description
STA350B, STA350BW
76/94
DocID018572 Rev 7
8.18
Extended configuration register (addr 0x36)
The extended configuration register provides access to B2DRC and biquad 5, 6 and 7.
8.18.1
Dual-band DRC
The STA350Bx device provides a dual-band DRC (B2DRC) on the left and right channels
data path, as depicted in Figure 32. Dual-band DRC is activated by setting MDRC[1:0] = 1x.
Figure 32. B2DRC scheme
The low frequency information (LFE) is extracted from left and right channels, removing the
high frequencies using a programmable biquad filter, and then computing the difference with
the original signal. Limiter 1 (DRC1) is then used to control left/right high-frequency
amplitude of the components, while limiter 2 (DRC2) is used to control the low-frequency
components (see Chapter 8.11).
The cutoff frequency of the high-pass filters can be user-defined, XO[3:0] = 0, or selected
from the pre-defined values.
DRC1 and DRC2 are then used to independently limit L/R high frequencies and LFE
channels amplitude (see Chapter 8.11) as well as their volume control. To be noted that, in
this configuration, the dedicated channel 3 volume control can actually act as a bass boost
enhancer as well (0.5 dB/step resolution).
The processed LFE channel is then recombined with the L and R channels in order to
reconstruct the 2.0 output signal.
Sub-band decomposition
The sub-band decomposition for B2DRC can be configured specifying the cutoff frequency.
The cutoff frequency can be programmed in two ways, using XO bits in register 0x0C, or
using the “user programmable” mode (coefficients stored in RAM addresses 0x28 to 0x31).
D7
D6
D5
D4
D3
D2
D1
D0
Mdrc[1]
Mdrc[0]
PS48DB
XAR1
XAR2
BQ5
BQ6
BQ7
0000
0000
R
L
Pass
XO
Filter
Pass
XO
Filter
R
L
B2DRC
Hi-pass
filter
B2DRC
Hi-pass
filter
-
-
CH1
Volume
Vol
And
Limiter
DRC1
CH2
Volume
DRC1
CH3
Volume
Vol
And
Limiter
DRC2
CH3
Volume
Vol
And
Limiter
DRC2
+
+
R
L
Pass
XO
Filter
Pass
XO
Filter
R
L
B2DRC
Hi-pass
filter
B2DRC
Hi-pass
filter
-
-
CH1
Volume
Vol
And
Limiter
DRC1
CH2
Volume
DRC1
CH3
Volume
Vol
And
Limiter
DRC2
CH3
Volume
Vol
And
Limiter
DRC2
+
+
AM045194v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com