Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB3502P Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # DB3502P
Description  35 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

DB3502P Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  DB3502P Datasheet HTML 1Page - DIOTEC Electronics Corporation DB3502P Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MECHANICAL SPECIFICATION
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
E45
35 AMP SILICON BRIDGE RECTIFIERS
MECHANICAL DATA
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
T , T
I
°C
-55 to +150
Average Forward Rectified Current @ T = 50 C
Peak Forward Surge Current.
. T = 150 C
Single 60Hz Half-Sine Wave
Superimposed on Rated Load (JEDEC Method)
Junction Operating and Storage Temperature Range
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Working Peak Reverse Voltage
Series Number
V
V
V
V
SYMBOL
DB
AMPS
UNITS
VOLTS
1000
400
600
800
50
100
200
400
600
800
RMS Reverse Voltage
280
420
560
35
70
140
280
420
700
560
CONTROLLED
AVALANCHE
NON-CONTROLLED
AVALANCHE
Rating for Fusing (Non Repetitive; 1mS < t < 8.3mS)
I t
35
AMPS
SEC
I
R
V
Maximum Forward Voltage (Per Diode) at 17.5 Amps DC
VOLTS
VDC
n/a
n/a
Mimimum Avalanche Voltage
Maximum Avalanche Voltage
V
V
Maximum Reverse Current at Rated V
@ T = 25 C
@T = 125 C
I
Minimum Insulation Breakdown Voltage (Circuit to Case)
V
Typical Thermal Resistance, Junction to Case
See Note 1
See Note 1
1.05
1
50
mA
2500
C/W
1.2
664
500
RATINGS
SERIES: DB3500P - DB3510P and ADB3504P - ADB3508P
Suffix "T" indicates FAST-ON TERMINALS
Suffix "W" indicates WIRE LEADS
Max. mounting torque = 20 in-lb.
Case:
Terminals: Round silver plated copper pins or fast-on terminals
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Marked on side of case
Mounting Position: Any. Through hole for #8 screw.
Weight: Fast-on Terminals - 0.7 Ounces (20.0 Grams)
Case: Molded epoxy with integral heat sink
Epoxy carries a U/L Flammability rating of 94V-0
Wire Leads - 0.55 Ounces (16.0 Grams)
INCHES
MILLIMETERS
MIN
9.6
17.5
15.7
28.4
SYM
BL
BH
D1
D2
MAX
MAX
10.2
16.7
18.5
28.7
0.69
MIN
1.12
0.38
0.62
1.13
0.40
0.66
0.73
D3
0.53
13.5
14.5
0.57
LT
0.6
15.2
n/a
n/a
INCHES
MILLIMETERS
MIN
9.6
10.9
17.5
28.4
SYM
BL
BH
D1
LL
D2
MAX
MAX
10.2
18.5
11.9
28.7
0.43
MIN
1.12
0.38
0.69
1.13
0.40
0.73
0.47
LD
1.0
1.1
0.039
0.042
0.81
20.6
n/a
n/a
D3
D1
D1
BL
HOLE FOR
#8 SCREW
D2
BL
BH
LT
HOLE FOR
#8 SCREW
LD
LL
BH
D1
D2
BL
D1
BL
UL RECOGNIZED - FILE #E141956
RoHS COMPLIANT
+
_
+
_
BUILT-IN STRESS RELIEF MECHANISM FOR
SUPERIOR RELIABILITY AND PERFORMANCE
INTEGRALLY MOLDED HEAT SINK PROVIDES VERY
LOW THERMAL RESISTANCE FOR MAXIMUM HEAT
DISSIPATION
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
Data Sheet No. BRDB-3500P-1C
ADBD-3500P-1C


Similar Part No. - DB3502P

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
DB3502P DEC-DB3502P Datasheet
139Kb / 2P
35 AMP SILICON BRIDGE RECTIFIERS
DB3502P-S DEC-DB3502P-S Datasheet
335Kb / 1P
35 AMP HIGH FREQUENCY SOFT RECOVERY BRIDGE RECTIFIERS
More results

Similar Description - DB3502P

ManufacturerPart #DatasheetDescription
logo
Bytes
MB3505W BYTES-MB3505W Datasheet
151Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
Formosa MS
MB3505W FORMOSA-MB3505W Datasheet
34Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
Fuji Electric
KBPC35005 FUJI-KBPC35005 Datasheet
718Kb / 1P
35 AMP SILICON BRIDGE RECTIFIER
MP35005 FUJI-MP35005 Datasheet
687Kb / 1P
35 AMP SILICON BRIDGE RECTIFIER
logo
DIOTEC Electronics Corp...
DB3500 DEC-DB3500 Datasheet
605Kb / 2P
35 AMP SILICON BRIDGE RECTIFIERS
DB3500P DEC-DB3500P_1 Datasheet
139Kb / 2P
35 AMP SILICON BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
MB3505 GWSEMI-MB3505 Datasheet
74Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
MB3505W GWSEMI-MB3505W Datasheet
67Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
logo
DIOTEC Electronics Corp...
35DBP DEC-35DBP Datasheet
138Kb / 2P
35 AMP SILICON BRIDGE RECTIFIERS
logo
Nanjing International G...
KBPC35005W DGNJDZ-KBPC35005W Datasheet
118Kb / 2P
SINGLE PHASE 35 AMP BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com