Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3303 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP3303
Description  QUASI-RESONANT PWM CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3303 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP3303 Datasheet HTML 7Page - Diodes Incorporated AP3303 Datasheet HTML 8Page - Diodes Incorporated AP3303 Datasheet HTML 9Page - Diodes Incorporated AP3303 Datasheet HTML 10Page - Diodes Incorporated AP3303 Datasheet HTML 11Page - Diodes Incorporated AP3303 Datasheet HTML 12Page - Diodes Incorporated AP3303 Datasheet HTML 13Page - Diodes Incorporated AP3303 Datasheet HTML 14Page - Diodes Incorporated AP3303 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AP3303
Document number:DS41016 Rev. 5 - 2
11 of 16
www.diodes.com
May 2019
© Diodes Incorporated
AP3303
Operation Description (continued)
Constant Over Current Protection
Cycle-by-cycle current limit is a popular method to achieve output over current protection. Actually, the turn-off delay of the MOSFET and the
higher switching frequency always result in the higher OCP current at high line voltage. To obtain a constant OCP current value with universal
input voltage, AP3303 adopts an effective line compensation circuitry. The function block is illustrated in Figure 4. The current IDEM which reflects
line voltage is scaled down and inversed to IL_OPP within AP3303, this IL_OPP flows through the inner compensation resistor ROPP and an
external filtering resistor RF, and then the final line compensation voltage is formed as:
Where VS is the sense voltage of RS
As above formula indicates, changing the compensation voltage at different line voltage is a good way to balance the OCP current. In a real
system, usually keep the
value fixed (220
kΩ is recommended). To change the line compensation voltage, a good solution is to change
.
Whenever the RF is changed, adjust the CF at the same time to offer an enough RC time to filter the spike on SENSE pin.
DEM
Line Voltage
Detector
Auxiliary
RDEM
RDOWN
ROPP
OCP
VREF1
21
HV
Gate
Rs
RF
CF
SENSE
SOVP
2.6V
SUVP
0.475V
IDEM
Vs
Figure 4
HV Start-Up Circuit
A built-in HV Start-Up circuit in AP3303 can help to simplify the power system design for ultra low standby application. For AP3303, there are two
HV Start-Up charging currents: the ICHARGE-L when VCC is lower than 3V and the ICHARGE-H when the VCC voltage rises above 3V, which can
prevent the IC from overheat when VCC short- to-GND fault happens. The HV Start-Up circuit will stop working and have no additional power
dissipation when VCC voltage reaches the VST, then the AP3303 starts working and will supply energy to VCC from auxiliary winding.
However, the charging process described above is only for the normal system startup condition. Once some system faults occur and the
protection process is triggered, AP3303 will shut down and VCC voltage will begin to decrease. The HV Start-Up circuit starts working again when
VCC voltage decreases below VCC-UVLO, and charges the VCC capacitor with current of ICHARGE-FAULT. This special design can reduce the input
power dissipation when system fault happens, especially for output short condition. The HV Start-Up circuit working process is illustrated in Figure
5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com