Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP43771 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP43771
Description  HIGH-PERFORMANCE USB PD CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43771 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP43771 Datasheet HTML 2Page - Diodes Incorporated AP43771 Datasheet HTML 3Page - Diodes Incorporated AP43771 Datasheet HTML 4Page - Diodes Incorporated AP43771 Datasheet HTML 5Page - Diodes Incorporated AP43771 Datasheet HTML 6Page - Diodes Incorporated AP43771 Datasheet HTML 7Page - Diodes Incorporated AP43771 Datasheet HTML 8Page - Diodes Incorporated AP43771 Datasheet HTML 9Page - Diodes Incorporated AP43771 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
AP43771
Document number: DS41431 Rev. 6 - 3
7 of 10
www.diodes.com
June 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP43771
Performance Characteristics
System Power-On Sequence:
When the external power source is provided, the AP43771 will wake up, and the USB PD controller and MCU will be initialized. All analog control
blocks are ready and waiting for PD negotiation process. Meanwhile, the AP43771 monitors the voltage and current conditions to prevent
abnormal conditions from happening. Once any unacceptable condition happens, the AP43771 will go into protection procedure according to the
types of abnormal conditions.
Voltage Transition
According to USB PD’s protocol, the PD device requests different power profile and the AP43771’s power control blocks will change voltage and
current values. The AP43771 provides corresponding Over Voltage Protection (OVP), Over Current Protection (OCP) scheme, and feedback
system stability to guarantee monotonic voltage transition and avoid violating USB PD electrical specification.
The AP43771 provides zero-mismatch voltage methodology that is more flexible for customer system design requirement. When UFP/DFP makes
an acceptable power request deal, the AP43771 will change the VFB pin voltage according to the USB PD command. The voltage regulator
control loop regulates the required VBUS voltage according to VFB. In addition, the shunt regulator is built in to minimize the total external
components and cost.
Protection
The AP43771 provides OVP/UVP/OCP/SCP/OTP functions and also support Constant Current (CC) function. All of the protection thresholds
depend on the requested power profile, and provide the most reliable protection scheme.
The AP43771 provides OVP feature by turning off the power switch when VBUS is higher than OVP enable voltage. Meanwhile, it provides internal
discharge path to reduce the overvoltage duration, and terminates discharge current as soon as VBUS reaches the target voltage. To prevent the
VBUS pin from working abnormally, the AP43771 provides UVP function whenever VBUS drops to UVP enable voltage.
To ensure the safe operation of USB PD, the AP43771 provides programmable OCP function to make sure output current will not be higher than
the allowed maximum current. Once OCP conditions happen, the AP43771 will shut down the USB
PD system and send “Hard Reset” to the
Upstream-Facing Port (UFP) device.
CV/CC
The AP43771 supports Constant Voltage (CV) and Constant Current (CC) functions to control the output voltage and the output current by the
control pin OCDRV. During the CV mode, the AP43771 operates in fixed PDO, and the output voltage will be regulated to the requested voltage if
the output current is below the allowed maximum current. Once the sink device draws more than IOCP, the over current protection will be triggered.
When the CC mode function is enabled, the output voltage drops, and the source current is limited within 150mA whenever output current exceeds
the allowed maximum current. When the output voltage drops below UVP, constant current limit turns off VBUS and starts error recovery procedure.
The AP43771 will reset if the voltage continues dropping to UVLO threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com