Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB12N60DM2AG Datasheet(PDF) 5 Page - STMicroelectronics

Part # STB12N60DM2AG
Description  Automotive-grade N-channel 600 V, 380 m typ., 10 A MDmesh DM2 Power MOSFET in a D²PAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB12N60DM2AG Datasheet(HTML) 5 Page - STMicroelectronics

  STB12N60DM2AG Datasheet HTML 1Page - STMicroelectronics STB12N60DM2AG Datasheet HTML 2Page - STMicroelectronics STB12N60DM2AG Datasheet HTML 3Page - STMicroelectronics STB12N60DM2AG Datasheet HTML 4Page - STMicroelectronics STB12N60DM2AG Datasheet HTML 5Page - STMicroelectronics STB12N60DM2AG Datasheet HTML 6Page - STMicroelectronics STB12N60DM2AG Datasheet HTML 7Page - STMicroelectronics STB12N60DM2AG Datasheet HTML 8Page - STMicroelectronics STB12N60DM2AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
GADG290520201612SOA
10 1
10 0
10 -1
10 -1
10 0
10 1
10 2
ID
(A)
VDS (V)
tp =1µs
tp =10µs
tp =100µs
tp =1ms
tp =10ms
V(BR)DSS
Single pulse
TJ = 150 °C
TC = 25 °C
RDS(on) max.
IDM
Figure 2. Maximum transient thermal impedance
GADG290520201612ZTH
10-1
10-2
10-3
10-6
10-5
10-4
10-3
10-2
10-1
tp (s)
ZthJ-C
(°C/W)
ton
T
duty = ton / T
RthJ-C = 1 °C/W
Single pulse
0.05
0.1
0.2
duty=0.5 0.4 0.3
Figure 3. Typical output characteristics
GIPG120420181034OCH
24
20
16
12
8
4
0
0
4
8
12
16
ID
(A)
VDS (V)
VGS = 7 V
VGS =5 V
VGS = 8, 9, 10 V
VGS =6 V
Figure 4. Typical transfer characteristics
GIPG120420181034TCH
24
20
16
12
8
4
0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
ID
(A)
VGS (V)
VDS = 15 V
Figure 5. Typical gate charge characteristics
GIPG120420181035QVG
400
300
200
100
0
16
12
8
4
0
0
4
8
12
16
20
VDS
VGS
Qg (nC)
VDD = 480 V
VDS
Qgs
Qgd
ID = 10 A
Qg
(V)
(V)
Figure 6. Typical drain-source on-resistance
GIPG120420181043RID
440
420
400
380
360
340
320
0
2
4
6
8
10
RDS(on)
ID (A)
VGS = 10 V
(mΩ)
STB12N60DM2AG
Electrical characteristics (curves)
DS13374 - Rev 2
page 5/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com