Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB80NF55-08AG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STB80NF55-08AG
Description  Automotive-grade N-channel 55 V, 6.5 m typ.,80 A STripFET™ Power MOSFETs in D²PAK and TO-220 packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB80NF55-08AG Datasheet(HTML) 3 Page - STMicroelectronics

  STB80NF55-08AG Datasheet HTML 1Page - STMicroelectronics STB80NF55-08AG Datasheet HTML 2Page - STMicroelectronics STB80NF55-08AG Datasheet HTML 3Page - STMicroelectronics STB80NF55-08AG Datasheet HTML 4Page - STMicroelectronics STB80NF55-08AG Datasheet HTML 5Page - STMicroelectronics STB80NF55-08AG Datasheet HTML 6Page - STMicroelectronics STB80NF55-08AG Datasheet HTML 7Page - STMicroelectronics STB80NF55-08AG Datasheet HTML 8Page - STMicroelectronics STB80NF55-08AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
DocID029701 Rev 1
3/18
STB80NF55-08AG, STP80NF55-08AG
Electrical ratings
18
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
55
V
VGS
Gate-source voltage
± 20
V
ID
(1)
1.
Current limited package
Drain current (continuous) at TC = 25 °C
80
A
ID
(1)
Drain current (continuous) at TC = 100 °C
80
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
320
A
PTOT
Total dissipation at TC = 25 °C
300
W
Tstg
Operating junction temperature range
- 55 to 175
°C
Tj
Storage temperature range
Table 3. Thermal data
Symbol
Parameter
Value
Unit
D²PAK
TO-220
Rthj-case Thermal resistance junction-case
0.5
°C/W
Rthj-pcb
Thermal resistance junction-pcb
35(1)
1.
When mounted on 1 inch2 FR-4 board, 2 oz Cu
°C/W
Rthj-amb
Thermal resistance junction-ambient
62.5
°C/W
Table 4. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj max)
40
A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID= IAR, VDD = 30 V)
1000
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com