Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD13N50DM2AG Datasheet(PDF) 2 Page - STMicroelectronics

Part # STD13N50DM2AG
Description  Automotive-grade N-channel 500 V, 320 m typ., 11 A MDmesh DM2 Power MOSFET in a DPAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD13N50DM2AG Datasheet(HTML) 2 Page - STMicroelectronics

  STD13N50DM2AG Datasheet HTML 1Page - STMicroelectronics STD13N50DM2AG Datasheet HTML 2Page - STMicroelectronics STD13N50DM2AG Datasheet HTML 3Page - STMicroelectronics STD13N50DM2AG Datasheet HTML 4Page - STMicroelectronics STD13N50DM2AG Datasheet HTML 5Page - STMicroelectronics STD13N50DM2AG Datasheet HTML 6Page - STMicroelectronics STD13N50DM2AG Datasheet HTML 7Page - STMicroelectronics STD13N50DM2AG Datasheet HTML 8Page - STMicroelectronics STD13N50DM2AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1
Electrical ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate-source voltage
±25
V
ID
Drain current (continuous) at TC = 25 °C
11
A
ID
Drain current (continuous) at TC= 100 °C
8
IDM (1)
Drain current (pulsed)
28
A
PTOT
Total power dissipation at TC = 25 °C
110
W
dv/dt (2)
Peak diode recovery voltage slope
50
V/ns
dv/dt (3)
MOSFET dv/dt ruggedness
50
V/ns
Tstg
Storage temperature range
-55 to 150
°C
Tj
Operating junction temperature range
1. Pulse width limited by safe operating area.
2. ISD ≤ 11 A, di/dt ≤ 800 A/µs; VDS peak < V(BR)DSS, VDD = 400 V
3. VDS ≤ 400 V
Table 2. Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
1.14
°C/W
Rthj-pcb (1)
Thermal resistance junction-pcb
50
1. When mounted on a 1-inch² FR-4, 2 oz Cu board
Table 3. Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetetive or not repetetive
(pulse width limited by Tjmax)
2
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
230
mJ
STD13N50DM2AG
Electrical ratings
DS12210 - Rev 4
page 2/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com