Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STHU32N65DM6AG Datasheet(PDF) 9 Page - STMicroelectronics

Part # STHU32N65DM6AG
Description  Automotive-grade N-channel 650 V, 83 m typ., 37 A MDmesh DM6 Power MOSFET in an HU3PAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STHU32N65DM6AG Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STHU32N65DM6AG Datasheet HTML 5Page - STMicroelectronics STHU32N65DM6AG Datasheet HTML 6Page - STMicroelectronics STHU32N65DM6AG Datasheet HTML 7Page - STMicroelectronics STHU32N65DM6AG Datasheet HTML 8Page - STMicroelectronics STHU32N65DM6AG Datasheet HTML 9Page - STMicroelectronics STHU32N65DM6AG Datasheet HTML 10Page - STMicroelectronics STHU32N65DM6AG Datasheet HTML 11Page - STMicroelectronics STHU32N65DM6AG Datasheet HTML 12Page - STMicroelectronics STHU32N65DM6AG Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Table 8. HU3PAK package mechanical data
Ref.
Dimensions
mm
Min.
Typ.
Max.
A
3.40
3.50
3.60
A1
0.05
b
0.50
0.60
0.70
b2
0.50
0.70
1.00
b3
0.80
0.90
1.00
c
0.40
0.50
0.60
c2
0.40
0.50
0.60
D
11.70
11.80
11.90
D1
8.80
8.955
9.10
E
13.90
14.00
14.10
E1
12.30
12.40
12.50
E2
7.75
7.80
7.85
e
1.27
H
18.00
18.58
19.00
aaa
0.10
L
2.40
2.52
2.60
L1
3.05
L2
0.90
1.00
1.10
L3
0.26
L4
0.075
0.125
0.175
L5
1.83
1.93
2.03
L6
2.14
2.24
2.34
L7
4.44
4.54
4.64
F1
2.90
3.00
3.10
F2
2.40
2.50
2.60
F3
0.25
0.35
0.45
N1
3.80
3.90
4.00
N2
0.25
0.30
0.45
N3
0.80
0.90
1.00
T
0.50
0.67
0.70
T2
9.18
9.38
9.43
V1
0 °
8 °
V2
0 °
8 °
STHU32N65DM6AG
HU3PAK package information
DS13782 - Rev 3
page 9/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com