Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STI47N60DM6AG Datasheet(PDF) 4 Page - STMicroelectronics

Part # STI47N60DM6AG
Description  Automotive-grade N-channel 600 V, 70 m typ., 36 A MDmesh™ DM6 Power MOSFET in an I²PAK package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI47N60DM6AG Datasheet(HTML) 4 Page - STMicroelectronics

  STI47N60DM6AG Datasheet HTML 1Page - STMicroelectronics STI47N60DM6AG Datasheet HTML 2Page - STMicroelectronics STI47N60DM6AG Datasheet HTML 3Page - STMicroelectronics STI47N60DM6AG Datasheet HTML 4Page - STMicroelectronics STI47N60DM6AG Datasheet HTML 5Page - STMicroelectronics STI47N60DM6AG Datasheet HTML 6Page - STMicroelectronics STI47N60DM6AG Datasheet HTML 7Page - STMicroelectronics STI47N60DM6AG Datasheet HTML 8Page - STMicroelectronics STI47N60DM6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Table 7. Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
36
A
ISDM(1)
Source-drain current (pulsed)
-
137
A
VSD(2)
Forward on voltage
ISD = 36 A, VGS = 0 V
-
1.6
V
trr
Reverse recovery time
ISD = 36 A, di/dt = 100 A/µs,
VDD = 60 V
(see Figure 15. Test circuit for
inductive load switching and diode
recovery times)
-
115
ns
Qrr
Reverse recovery charge
-
0.54
µC
IRRM
Reverse recovery current
-
9.5
A
trr
Reverse recovery time
ISD = 36 A, di/dt = 100 A/µs,
VDD = 60 V, Tj = 150 °C
(see Figure 15. Test circuit for
inductive load switching and diode
recovery times)
-
210
ns
Qrr
Reverse recovery charge
-
2.1
µC
IRRM
Reverse recovery current
-
20.4
A
1. Pulse width limited by safe operating area
2. Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Table 8. Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)GSO
Gate-source breakdown voltage
IGS = ±1 mA, ID = 0 A
±30
-
-
V
The built-in back-to-back Zener diodes are specifically designed to enhance the ESD performance of the device.
The Zener voltage facilitates efficient and cost-effective device integrity protection, thus eliminating the need for
additional external componentry.
STI47N60DM6AG
Electrical characteristics
DS12101 - Rev 3
page 4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com