Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTT673-R2T1-1 Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LTT673-R2T1-1
Description  HYPER TOPLED, HYPER BRIGHT LED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LTT673-R2T1-1 Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LTT673-R2T1-1 Datasheet HTML 3Page - OSRAM GmbH LTT673-R2T1-1 Datasheet HTML 4Page - OSRAM GmbH LTT673-R2T1-1 Datasheet HTML 5Page - OSRAM GmbH LTT673-R2T1-1 Datasheet HTML 6Page - OSRAM GmbH LTT673-R2T1-1 Datasheet HTML 7Page - OSRAM GmbH LTT673-R2T1-1 Datasheet HTML 8Page - OSRAM GmbH LTT673-R2T1-1 Datasheet HTML 9Page - OSRAM GmbH LTT673-R2T1-1 Datasheet HTML 10Page - OSRAM GmbH LTT673-R2T1-1 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LB T673, LV T673, LT T673
2001-06-267
Durchlassstrom
I
F = f (VF)
Forward Current
T
A = 25 °C
Maximal zul
ässiger Durchlassstrom I
F = f (T)
Max. Permissible Forward Current
Relative Lichtst
ärke I
V/IV(20 mA) = f (IF)
Relative Luminous Intensity
T
A = 25 °C
Maximal zul
ässiger Durchlassstrom I
F = f (T)
Max. Permissible Forward Current
OHL00495
10
-1
2.53
3.54
4.5 V 5
0
10
1
10
10
2
5
5
mA
5
2
true green
verde,
blue
IF
VF
OHL00825
0
0
˚C
mA
F
I
T
5
10
15
20
25
30
20
40
60
80
100
verde,
true green
blue
temp. ambient
A
T
OHL00494
10
-2
-1
10
0
10
10
1
5
5
-1
10
10
0
10
1
10
mA
2
IF
V
V (20 mA)
I
I
OHL01087
0
0
20
40
60
80
˚C 100
T
I
F
5
10
15
20
25
30
mA
temp. solder point
S
T
verde,
blue
true green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com