Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RGP302 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # RGP302
Description  3 AMP HIGH RELIABILITY FAST RECOVERY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

RGP302 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  RGP302 Datasheet HTML 1Page - DIOTEC Electronics Corporation RGP302 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Data Sheet No. FSPD-300-1B
MECHANICAL SPECIFICATION
3 AMP HIGH RELIABILITY FAST RECOVERY DIODES
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
H33
MECHANICAL DATA
ACTUAL SIZE OF
DO-27 PACKAGE
Color Band
Denotes
Cathode
LD (Dia)
BD (Dia)
LL
BL
LL
SERIES RGP300 - RGP310
Sym
In
mm
Minimum
Maximum
BL
BD
LL
LD
1.00
0.048
In
mm
0.365
0.205
0.052
9.28
5.2
1.3
25.4
1.2
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
PARAMETER (TEST CONDITIONS)
SYMBOL
RATINGS
UNITS
DO - 27
EXTREMELY LOW LEAKAGE AT HIGH TEMPERATURES
LOW FORWARD VOLTAGE DROP
3A at T = 55 C WITH NO THERMAL RUNAWAY
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
R
PROPRIETARY
JUNCTION
PASSIVATION FOR SUPERIOR RELIABILITY AND
PERFORMANCE
SOFT GLASS
RoHS
CO
MPLIANT


Similar Part No. - RGP302

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
RGP30 ZOWIE-RGP30 Datasheet
59Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
logo
General Semiconductor
RGP30 GE-RGP30 Datasheet
60Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Micro Commercial Compon...
RGP30 MCC-RGP30 Datasheet
82Kb / 3P
3.0 Amp Glass Passivated Junction Fast Recovery Rectifiers 50 to 1000 Volts
logo
Diotec Semiconductor
RGP30 DIOTEC-RGP30 Datasheet
199Kb / 2P
Fast Silicon Rectifiers
logo
Zowie Technology Corpor...
RGP30A ZOWIE-RGP30A Datasheet
59Kb / 2P
SINTERED GLASS PASSIVATED JUNCTION FAST RECOVERY RECTIFIER
More results

Similar Description - RGP302

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
RGP100 DEC-RGP100 Datasheet
353Kb / 2P
1 AMP HIGH RELIABILITY FAST RECOVERY DIODES
RP300 DEC-RP300 Datasheet
404Kb / 2P
3 AMP FAST RECOVERY SILICON DIODES
UFR300 DEC-UFR300 Datasheet
437Kb / 2P
3 AMP ULTRAFAST RECOVERY DIODES
logo
Edal Industries, Inc.
BR5A5 EDAL-BR5A5 Datasheet
1Mb / 2P
SILICON FAST RECOVERY 1.0 AMP DIODES
MR4A5 EDAL-MR4A5 Datasheet
1Mb / 2P
SILICON FAST RECOVERY 3.0 AMP DIODES
MR7A5 EDAL-MR7A5 Datasheet
1Mb / 2P
SILICON FAST RECOVERY 6.0 AMP DIODES
logo
DIOTEC Electronics Corp...
FSPD-100-1B DEC-FSPD-100-1B Datasheet
355Kb / 2P
1 AMP HIGH RELIABILITY FAST RECOVERY DIODES
FSPD-300-1B DEC-FSPD-300-1B Datasheet
403Kb / 2P
3 AMP HIGH RELIABILITY FAST RECOVERY DIODES
FSDP-301-1B DEC-FSDP-301-1B Datasheet
407Kb / 2P
3 AMP FAST RECOVERY SILICON DIODES
SESA-301-1B DEC-SESA-301-1B Datasheet
167Kb / 2P
3 AMP ULTRAFAST RECOVERY DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com