Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWWNWW2ABBR500 Datasheet(PDF) 1 Page - Stackpole Electronics, Inc.

Part # MWWNWW2ABBR500
Description  General Purpose and Precision Wirewound Resistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEI [Stackpole Electronics, Inc.]
Direct Link  https://www.seielect.com/
Logo SEI - Stackpole Electronics, Inc.

MWWNWW2ABBR500 Datasheet(HTML) 1 Page - Stackpole Electronics, Inc.

  MWWNWW2ABBR500 Datasheet HTML 1Page - Stackpole Electronics, Inc. MWWNWW2ABBR500 Datasheet HTML 2Page - Stackpole Electronics, Inc. MWWNWW2ABBR500 Datasheet HTML 3Page - Stackpole Electronics, Inc. MWWNWW2ABBR500 Datasheet HTML 4Page - Stackpole Electronics, Inc. MWWNWW2ABBR500 Datasheet HTML 5Page - Stackpole Electronics, Inc. MWWNWW2ABBR500 Datasheet HTML 6Page - Stackpole Electronics, Inc. MWWNWW2ABBR500 Datasheet HTML 7Page - Stackpole Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev Date: 11/29/2021
1
www.seielect.com
This specification may be changed at any time without prior notice.
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
WW / MWW / NWW / WWS Series
General Purpose and Precision Wirewound Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
Features:
•
WWS offers miniature size at higher power rating
•
High performance for low cost
•
High power to size ratio
•
High temperature silicone coating
•
MWW/NMWW – completely molded construction with welded terminations
•
Complete welded terminations
•
Tinned copper leads
•
Available in non-inductive styles
•
Tighter tolerances may be available for non-inductive styles - contact Stackpole with requirements
•
Higher operating temperatures available
•
“B” packaging code denotes bulk packaging - contact Stackpole for package quantities
•
WW/NWW/WWS meet UL94V-0
•
100% RoHS compliant and lead free without exemption
•
Halogen free
•
REACH compliant
Electrical Specifications – WW, WWS, MWW
@ 125°C
@ 70°C
0.1%
0.5%
1%
5%
WW12
-
0.4
0.5
5 - 2K
5 - 2K
WW1
-
1
1.1
WW1A
RW-70
1
1.3
WW2
RW-69
1.5
2.1
1 - 10K
WWS2
-
2.5
2.6
1 - 10K
WW2A
-
2.5
2.6
1 - 10K
WW3
RW-79
3
3.2
1 - 22K
WWS3
-
3
3.2
3 - 10K
WW3A
-
3
3.4
1 - 30K
WW4
-
4
4.3
1 - 40K
WWS4
RW-79
4
4.3
1 - 22K
WW5
RW-67, RW-74
5
5.1
1 - 50K
WWS5
-
5
5.1
1 - 40K
WW7
-
6.5
7.2
1 - 70K
WWS7
RW-67, RW-74
6.5
7.2
1 - 50K
WW7B
-
7
7.7
1 - 70K
WW10
RW-78
10
11
1 - 100K
WWS10
-
10
11
1 - 70K
MWW1
RW-70
1
1.3
MWW3
RW-79
3
3.2
MWW5
RW-67, RW-74
5
5.5
MWW10
RW-68, RW-74
10
11
Max Voltage Rating =
0.5 - 22K
1 - 10K
0.5 - 30K
Type/Code
MIL-R-26 Ref.
TCR (ppm/ºC)
Ohmic Range (Ω) and Tolerance
(*)
3 - 2K
2 - 3K
1 - 5K
0.5 - 10K
0.5 - 10K
Power Rating (Watts)
3 - 20K
2 - 40K
2 - 80K
< 1 Ω = ± 90 ppm/ºC
1 Ω to 10 Ω = ± 50 ppm/ºC
> 10 Ω = ± 20 ppm/ºC
(*) Other resistance values available - contact Stackpole for details.
0.5 - 50K
0.5 - 70K
0.5 - 100K
0.5 - 70K
5 - 2K
0.5 - 40K
0.5 - 22K
0.5 - 50K
0.5 - 40K
0.5 - 70K
0.5 - 10K
√P*R


Similar Description - MWWNWW2ABBR500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS-327R0 ETC1-AS-327R0 Datasheet
103Kb / 2P
SEMI-PRECISION POWER WIREWOUND RESISTOR
logo
IRC - a TT electronics ...
AS-321R0JLF IRCTT-AS-321R0JLF Datasheet
182Kb / 3P
Semi-Precision Power Wirewound Resistor
PWR101202JLF IRCTT-PWR101202JLF Datasheet
141Kb / 2P
General Purpose Stand-Up Power Wirewound Resistor
SP-201505LF IRCTT-SP-201505LF Datasheet
540Kb / 2P
GENERAL-PURPOSE FAILSAFE MOLDED WIREWOUND RESISTOR
SP-201505LF IRCTT-SP-201505LF_08 Datasheet
246Kb / 3P
General Purpose Failsafe Molded Wirewound Resistor
SPH1505LF IRCTT-SPH1505LF Datasheet
563Kb / 2P
GENERAL-PURPOSE FAILSAFE MOLDED WIREWOUND RESISTOR
SPH1500JLF IRCTT-SPH1500JLF Datasheet
245Kb / 3P
General Purpose Failsafe Molded Wirewound Resistor
logo
List of Unclassifed Man...
WW3JT330R ETC2-WW3JT330R Datasheet
92Kb / 3P
General Purpose and Precision Wirewound Resistor
logo
Stackpole Electronics, ...
WWF SEI-WWF Datasheet
217Kb / 4P
General Purpose Fusing Wirewound Resistor
11/23/2020
WW1FT1K00 SEI-WW1FT1K00 Datasheet
373Kb / 7P
WW / MWW / NWW / WWS Series General Purpose and Precision Wirewound Resistor
11/29/2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com