Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB5000 Datasheet(PDF) 1 Page - DIOTEC Electronics Corporation

Part # SDB5000
Description  50 AMP SILICON BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DEC [DIOTEC Electronics Corporation]
Direct Link  http://www.diotec-usa.com
Logo DEC - DIOTEC Electronics Corporation

SDB5000 Datasheet(HTML) 1 Page - DIOTEC Electronics Corporation

  SDB5000 Datasheet HTML 1Page - DIOTEC Electronics Corporation SDB5000 Datasheet HTML 2Page - DIOTEC Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Data Sheet No. BSDB-5000-1B
MECHANICAL SPECIFICATION
50 AMP SILICON BRIDGE RECTIFIERS
E49
MAXIMUM RATINGS & ELECTRICAL CHARACTERISTICS
Typical Thermal Resistance, Junction to Case
MinimumInsulation Breakdown Voltage (Circuit to Case)
R
°C/W
Maximum Average DC Reverse Current
At Rated DC Blocking Voltage
I
A
@ T = 25 C
@ T = 125 C
1
50
2500
1.10
Junction Operating and Storage Temperature Range
T T
°C
-55 to +175
SDB PACKAGE SHOWN ACTUAL SIZE
Average Forward Rectified Current @ T = 55 C
PARAMETER (TEST CONDITIONS)
Maximum DC Blocking Voltage
Maximum Peak Recurrent Reverse Voltage
Maximum RMS Voltage
Series Number
I
V
V
V
SYMBOL
SDB
SDB
RATINGS
UNITS
VOLTS
SDB
SDB
SDB
SDB
SDB
50
100
200
400
1000
35
70
140
280
700
50
Peak Forward Surge Current. Single 60Hz Half-Sine Wave
Superimposed on Rated Load (JEDEC Method). T = 175 C
Forward Voltage (Per Diode) at 25 Amps DC
VOLTS
VOLTS
AMPS
V
I
600
1.10
600
800
50
100
200
400
1000
600
800
420
560
5000
5001
5002
5004
5006
5008
5010
Max.
Typ.
1.02
UL RECOGNIZED - FILE #E124962
HEAT
SINK
BL
BL
LL
LM
LS LS LS
BW
LO
+
-
AC
Through Hole
for #8 Screw
LD
Tel.: (310) 767-1052
Fax: (310) 767-7958
DIOTEC ELECTRONICS CORP.
Gardena, CA 90248
U.S.A
18020 Hobart Blvd., Unit B
V
BUILT-IN STRESS RELIEF MECHANISM FOR
SUPERIOR RELIABILITY AND PERFORMANCE
INTEGRALLY MOLDED HEAT SINK PROVIDES VERY
LOW THERMAL RESISTANCE FOR MAXIMUM HEAT
TRANSFER
SPACE SAVING IN-LINE DESIGN FOR PRINTED
CIRCUIT BOARD APPLICATIONS
VOID FREE VACUUM DIE SOLDERING FOR MAXIMUM
MECHANICAL STRENGTH AND HEAT DISSIPATION
(Solder Voids: Typical < 2%, Max. < 10% of Die Area)
MECHANICAL DATA
Max. mounting torque = 20 in-lb.
Case:
Terminals: Round silver plated copper pins or fast-on terminals
Soldering: Per MIL-STD 202 Method 208 guaranteed
Polarity: Marked on side of case
Mounting Position: Any. Through hole for #8 screw.
Weight:
Case: Molded epoxy with integral heat sink
Epoxy carries a U/L Flammability rating of 94V-0
0.55 Ounces (16.0 Grams)
RoHS COMPLIANT


Similar Part No. - SDB5000

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
SDB5000 DEC-SDB5000 Datasheet
212Kb / 1P
50 AMP HIGH FREQUENCY SOFT RECOVERY BRIDGE RECTIFIERS
SDB5000-S DEC-SDB5000-S Datasheet
212Kb / 1P
50 AMP HIGH FREQUENCY SOFT RECOVERY BRIDGE RECTIFIERS
More results

Similar Description - SDB5000

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
DB5000P DEC-DB5000P Datasheet
482Kb / 2P
50 AMP SILICON BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
BR10005 SECOS-BR10005 Datasheet
193Kb / 2P
AMP Silicon Bridge Rectifiers
GBPC50005 SECOS-GBPC50005 Datasheet
179Kb / 2P
50 AMP Glass Passivated Bridge Rectifiers
logo
DIOTEC Electronics Corp...
BRSB-200-1C DEC-BRSB-200-1C Datasheet
342Kb / 2P
2 AMP SILICON BRIDGE RECTIFIERS
BRHB-600-1C DEC-BRHB-600-1C Datasheet
482Kb / 2P
6 AMP SILICON BRIDGE RECTIFIERS
BRDB-5000P-1B DEC-BRDB-5000P-1B Datasheet
140Kb / 2P
50 AMP SILICON BRIDGE RECTIFIERS
BSDB-5000-1B DEC-BSDB-5000-1B Datasheet
98Kb / 2P
50 AMP SILICON BRIDGE RECTIFIERS
logo
Goodwork Semiconductor ...
MB5005 GWSEMI-MB5005 Datasheet
73Kb / 2P
SINGLE PHASE 50 AMP BRIDGE RECTIFIERS
logo
DIOTEC Electronics Corp...
50DBP DEC-50DBP Datasheet
140Kb / 2P
50 AMP SILICON BRIDGE RECTIFIERS
50SDB DEC-50SDB Datasheet
98Kb / 2P
50 AMP SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com